Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SST26WF080B Datasheet(PDF) 70 Page - Microchip Technology

No. de pieza SST26WF080B
Descripción Electrónicos  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF080B Datasheet(HTML) 70 Page - Microchip Technology

Back Button SST26WF080B Datasheet HTML 66Page - Microchip Technology SST26WF080B Datasheet HTML 67Page - Microchip Technology SST26WF080B Datasheet HTML 68Page - Microchip Technology SST26WF080B Datasheet HTML 69Page - Microchip Technology SST26WF080B Datasheet HTML 70Page - Microchip Technology SST26WF080B Datasheet HTML 71Page - Microchip Technology SST26WF080B Datasheet HTML 72Page - Microchip Technology SST26WF080B Datasheet HTML 73Page - Microchip Technology SST26WF080B Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 70
 2014-2017 Microchip Technology Inc.
111H
A15:A8
7FH
Region 3 size
1 * 32 KBytes = 32 KBytes
Count=32 KBytes/256 bytes= 128
Value = count -1 =127
A31:A8 = 00007Fh
112H
A23:A16
00H
113H
A31:A24
00H
114H
A7:A0
F3H
Region 4 supports 4 KByte erase and 8 KByte erase
A3:A0=0011b
A7:A4=Reserved=1111b
115H
A15:A8
7FH
Region 4 Size
4 * 8 KBytes = 32 KBytes
Count=32 KBytes/256 bytes= 128
Value = count -1 =127
A31:A8 = 00007Fh
116H
A23:A16
00H
117H
A31:A24
00H
SST26WF040B/040BA (Vendor) Parameter Table
SST26WF040B/040BA Identification
200H
A7:A0
BFH
Manufacturer ID
201H
A15:A8
26H
Memory Type
202H
A23:A16
54H
Device ID
SST26WF040B/040BA=54H
203H
A31:A24
FFH
Reserved. Bits default to all 1’s.
SST26WF040B/040BA Interface
204H
A2:A0
B9H
Interfaces Supported
000: SPI only
001: Power up default is SPI; Quad can be enabled/disabled
010: Reserved
:
:
111: Reserved
A3
Supports Enable Quad
0:
not supported
1:
supported
A6:A4
Supports Hold#/Reset# Function
000: Hold#
001: Reset#
010: HOLD/Reset#
011: Hold# & I/O when in SQI(4-4-4), 1-4-4 or 1-1-4 Read
A7
Supports Software Reset
0:
not supported
1:
supported
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) SST26WF040B/040BA
(CONTINUED) (11 OF 16)
Address
Bit Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com