Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SST26WF080B Datasheet(PDF) 93 Page - Microchip Technology

No. de pieza SST26WF080B
Descripción Electrónicos  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF080B Datasheet(HTML) 93 Page - Microchip Technology

Back Button SST26WF080B Datasheet HTML 88Page - Microchip Technology SST26WF080B Datasheet HTML 89Page - Microchip Technology SST26WF080B Datasheet HTML 90Page - Microchip Technology SST26WF080B Datasheet HTML 91Page - Microchip Technology SST26WF080B Datasheet HTML 92Page - Microchip Technology SST26WF080B Datasheet HTML 93Page - Microchip Technology SST26WF080B Datasheet HTML 94Page - Microchip Technology SST26WF080B Datasheet HTML 95Page - Microchip Technology SST26WF080B Datasheet HTML 96Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 93 / 96 page
background image
 2014-2017 Microchip Technology Inc.
DS20005283C-page 93
SST26WF040B/040BA SST26WF080B/080BA
Classifying these sector/block sizes via the Sector
Type derived from JEDEC Flash Parameter Table:
SFDP address locations 4EH, 50H, and 52H is as fol-
lows:
• 8 KByte Blocks are classified as Sector Type 2
(@4EH of SFDP)
• 32 KByte Blocks are classified as Sector Type 3
(@50H of SFDP)
• 64 KByte Blocks are classified as Sector Type 4
(@52H of SFDP)
For the Number of Sectors associated with the contig-
uous sectors/blocks, a formula is used to determine the
number of sectors/blocks of these Sector Types:
• 8KByte Block (Type 2) is calculated by 2n. n is a
byte.
• 32KByte Block (Type 3) is calculated by 2n. n is a
byte.
• 64KByte Block (Type 4) is calculated by (2m - 2).
m can either be a 4, 5, 6, 7 or 8 depending on the
memory size. This m field is going to be used for
the 64KByte Block Section and will also be used
for the Block Protection Register Bit Location for-
mula.
m will have a constant value for specific densities and
is defined as:
• 8Mbit = 4
• 16Mbit = 5
• 32Mbit = 6
• 64Mbit = 7
• 128Mbit = 8
Block Protect Register Start/End Bits are mapped in the
SFDP by using the formula (2m + 1) + (c). “m” is a con-
stant value that represents the different densities from
8Mbit to 128Mbit (used also in the formula calculating
number of 64 KByte Blocks above). The values that are
going to be placed in the Block Protection Bit Start/End
field table are the constant value adder (c) in the for-
mula and are represented in two’s compliment except
when the value is 00H. If the value is 00H, this location
is the 0 bit location. If the value is other than 0, then this
is a constant value adder (c) that will be used in the for-
mula. The most significant (left most) bit indicates the
sign of the integer; it is sometimes called the sign bit.
If the sign bit is zero, then the number is greater than or
equal to zero, or positive. If the sign bit is one, then the
number is less than zero, or negative.
See Table 11-5 for an example of this formula.
8 KByte (Top Block)
Section 5: Sector Type Number
Section 5: Number of Sectors
Section 5: Block-Protection Register Bit Start Location
Section 5: Block-Protection Register Bit End Location
TABLE 11-4:
MEMORY BLOCK DIAGRAM REPRESENTATION
TABLE 11-5:
BPSL/BPEL EQUATION WITH ACTUAL CONSTANT ADDER DERIVED FROM THE
FORMULA (2M + 1) + (C)
Block Size
8 Mbit to 128 Mbit
Comments
8 KByte (Type 2) Bottom
BPSL = (2m + 1) + FFH
BPEL = (2m + 1) + 04H
0FFH = -1; 06H = 6
Odd address bits are Read-Lock bit
locations and even address bits are
Write-Lock bit locations.
32 KByte (Type3)
BPSL = BPEL= (2m + 1) + 0FDH
0FDH= -3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com