Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SST26WF080B Datasheet(PDF) 32 Page - Microchip Technology

No. de pieza SST26WF080B
Descripción Electrónicos  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF080B Datasheet(HTML) 32 Page - Microchip Technology

Back Button SST26WF080B Datasheet HTML 28Page - Microchip Technology SST26WF080B Datasheet HTML 29Page - Microchip Technology SST26WF080B Datasheet HTML 30Page - Microchip Technology SST26WF080B Datasheet HTML 31Page - Microchip Technology SST26WF080B Datasheet HTML 32Page - Microchip Technology SST26WF080B Datasheet HTML 33Page - Microchip Technology SST26WF080B Datasheet HTML 34Page - Microchip Technology SST26WF080B Datasheet HTML 35Page - Microchip Technology SST26WF080B Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 32
 2014-2017 Microchip Technology Inc.
5.30
Write-Status Register (WRSR)
The Write-Status Register (WRSR) command writes
new values to the Status register. To execute a Write-
Status Register operation, the host drives CE# low,
then sends the Write-Status Register command cycle
(01H), two cycles of data, and then drives CE# high.
The first cycle of data points to the Status register, the
second points to the Configuration register. See Fig-
ures 5-30 and 5-31.
FIGURE 5-30:
WRITE-STATUS-REGISTER AND WRITE CONFIGURATION REGISTER
SEQUENCE (SQI)
FIGURE 5-31:
WRITE-STATUS-REGISTER AND WRITE CONFIGURATION REGISTER
SEQUENCE (SPI)
20005283 F63.1
MODE 3
0
1
SCK
SIO[3:0]
CE#
C1 C0
MODE 0
2
H0 L0
MSN LSN
4
H0 L0
5
3
Status
Byte
Command
Config-
uration
Note: MSN = Most Significant
Nibble; LSN = Least
20005283 F64.1
MODE 3
HIGH IMPEDANCE
MODE 0
STATUS
REGISTER
76 54 3 2 10
MSB
MSB
MSB
01
MODE 3
SCK
SI
SO
CE#
MODE 0
06
0 1 2 3 4 5 6 7
0 1 2 3 4 5 6 7 8 9 10 11 121314 15
CONFIGURATION
REGISTER
76 54 3 2 10
MSB
16 17 18 19 20 21 22 23
Note: XX = Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com