Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SST26WF080B Datasheet(PDF) 61 Page - Microchip Technology

No. de pieza SST26WF080B
Descripción Electrónicos  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF080B Datasheet(HTML) 61 Page - Microchip Technology

Back Button SST26WF080B Datasheet HTML 57Page - Microchip Technology SST26WF080B Datasheet HTML 58Page - Microchip Technology SST26WF080B Datasheet HTML 59Page - Microchip Technology SST26WF080B Datasheet HTML 60Page - Microchip Technology SST26WF080B Datasheet HTML 61Page - Microchip Technology SST26WF080B Datasheet HTML 62Page - Microchip Technology SST26WF080B Datasheet HTML 63Page - Microchip Technology SST26WF080B Datasheet HTML 64Page - Microchip Technology SST26WF080B Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 96 page
background image
 2014-2017 Microchip Technology Inc.
DS20005283C-page 61
SST26WF040B/040BA SST26WF080B/080BA
13H
A31:A24
06H
Parameter Table Length
Number of DWORDs that are in the Parameter table
JEDEC Flash Parameter Header: 4th DWORD
14H
A7:A0
00H
Parameter Table Pointer (PTP)
This 24-bit address specifies the start of this header’s Parameter Table
in the SFDP structure. The address must be DWORD-aligned.
15H
A15:A8
01H
16H
A23:A16
00H
17H
A31:A24
FFH
Parameter ID MSB Number.
Microchip (Vendor) Parameter Header: 5th DWORD
18H
A7:A0
BFH
ID Number
Manufacture ID (vendor specified header)
19H
A15:A8
00H
Parameter Table Minor Revision Number
1AH
A23:A16
01H
Parameter Table major Revision Number, Revision 1.0
1BH
A31:A24
18H
Parameter Table Length, 24 Double Words
Microchip (Vendor) Parameter Header: 6th DWORD
1CH
A7:A0
00H
Parameter Table Pointer (PTP)
This 24-bit address specifies the start of this header’s Parameter Table
in the SFDP structure. The address must be DWORD-aligned.
1DH
A15:A8
02H
1EH
A23:A16
00H
1FH
A31:A24
01H
Used to indicate bank number (vendor specific)
JEDEC Flash Parameter Table
JEDEC Flash Parameter Table: 1st DWORD
30H
A1:A0
FDH
Block/Sector Erase Sizes
00: Reserved
01: 4 KByte Erase
10: Reserved
11: Use this setting only if the 4 KByte erase is unavailable.
A2
Write Granularity
0:
Single-byte programmable devices or buffer programmable
devices with buffer is less than 64 bytes (32 Words).
1:
For buffer programmable devices when the buffer size is 64
Bytes (32 Words) or larger.
A3
Volatile Status Register
0:
Target flash has nonvolatile status bit. Write/Erase commands do
not require status register to be written on every power on.
1:
Target flash has volatile status bits
A4
Write Enable Opcode Select for Writing to Volatile Status Register
0:
0x50. Enables a status register write when bit 3 is set to 1.
1:
0x06 Enables a status register write when bit 3 is set to 1.
A7:A5
Unused. Contains 111b and can not be changed
31H
A15:A8
20H
4 KByte Erase Opcode
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) SST26WF040B/040BA
(CONTINUED) (2 OF 16)
Address
Bit Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com