Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SST26WF080B Datasheet(PDF) 7 Page - Microchip Technology

No. de pieza SST26WF080B
Descripción Electrónicos  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF080B Datasheet(HTML) 7 Page - Microchip Technology

Back Button SST26WF080B Datasheet HTML 3Page - Microchip Technology SST26WF080B Datasheet HTML 4Page - Microchip Technology SST26WF080B Datasheet HTML 5Page - Microchip Technology SST26WF080B Datasheet HTML 6Page - Microchip Technology SST26WF080B Datasheet HTML 7Page - Microchip Technology SST26WF080B Datasheet HTML 8Page - Microchip Technology SST26WF080B Datasheet HTML 9Page - Microchip Technology SST26WF080B Datasheet HTML 10Page - Microchip Technology SST26WF080B Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
 2014-2017 Microchip Technology Inc.
DS20005283C-page 7
SST26WF040B/040BA SST26WF080B/080BA
4.0
DEVICE OPERATION
The SST26WF040B/040BA and SST26WF080B/
080BA support both Serial Peripheral Interface (SPI)
bus protocol and a 4-bit multiplexed SQI bus protocol.
To provide backward compatibility to traditional SPI
Serial Flash devices, the device’s initial state after a
power-on reset is SPI mode which supports multi-I/O
(x1/x2/x4) Read/Write commands. A command instruc-
tion configures the device to SQI mode. The dataflow in
the SQI mode is similar to the SPI mode, except it uses
four multiplexed I/O signals for command, address, and
data sequence.
SQI Flash Memory supports both Mode 0 (0,0) and
Mode 3 (1,1) bus operations. The difference between
the two modes is the state of the SCK signal when the
bus master is in stand-by mode and no data is being
transferred. The SCK signal is low for Mode 0 and SCK
signal is high for Mode 3. For both modes, the Serial
Data I/O (SIO[3:0]) is sampled at the rising edge of the
SCK clock signal for input, and driven after the falling
edge of the SCK clock signal for output. The traditional
SPI protocol uses separate input (SI) and output (SO)
data signals as shown in Figure 4-1. The SQI protocol
uses four multiplexed signals, SIO[3:0], for both data in
and data out, as shown in Figure 4-2. This means the
SQI protocol quadruples the traditional bus transfer
speed at the same clock frequency, without the need
for more pins on the package.
FIGURE 4-1:
SPI PROTOCOL (TRADITIONAL 25 SERIES SPI DEVICE)
FIGURE 4-2:
SQI SERIAL QUAD I/O PROTOCOL
4.1
Device Protection
The
SST26WF040B/040BA
and
SST26WF080B/
080BA offer a flexible memory protection scheme that
allows the protection state of each individual block to be
controlled separately. In addition, the Write-Protection
Lock-Down register prevents any change of the lock sta-
tus during device operation. To avoid inadvertent writes
during power-up, the device is write-protected by default
after a power-on reset cycle. A Global Block-Protection
Unlock command offers a single command cycle that
unlocks the entire memory array for faster manufactur-
ing throughput.
For extra protection, there is an additional non-volatile
register that can permanently write-protect the Block-
Protection register bits for each individual block. Each
of the corresponding lock-down bits are one time pro-
grammable (OTP)—once written, they cannot be
erased. Data that had been previously programmed
into these blocks cannot be altered by programming or
erase and is not reversible
4.1.1
INDIVIDUAL BLOCK PROTECTION
The SST26WF040B/040BA and SST26WF080B/
080BA have a Block-Protection register which provides
a software mechanism to write-lock the individual
memory blocks and write-lock, and/or read-lock, the
individual parameter blocks. The Block-Protection reg-
ister is 24 bits (4 Mbit) or 32 (8 Mbit) wide: two bits each
for the eight 8 KByte parameter blocks (write-lock and
read-lock), and one bit each for the remaining 32 KByte
and 64 KByte overlay blocks (write-lock). See Table 5-
6 for address range protected per register bit.
Each bit in the Block-Protection register (BPR) can be
written to a ‘1’ (protected) or ‘0’ (unprotected). For the
parameter blocks, the most significant bit is for read-lock,
and the least significant bit is for write-lock. Read-locking
the parameter blocks provides additional security for sen-
sitive data after retrieval (e.g., after initial boot). If a block
is read-locked all reads to the block return data 00H.
The Write Block-Protection Register command is a
two-cycle command which requires that Write-Enable
(WREN) is executed prior to the Write Block-Protection
20005283 F03.0
MODE 3
SCK
SI
SO
CE#
MODE 3
DON'T CARE
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
MODE 0
MODE 0
HIGH IMPEDANCE
MSB
MSB
20005283 F04.0
MODE 3
CLK
SIO(3:0)
CE#
MODE 3
C1
C0
A5
A4
A3
A2
A1
A0
H0
L0
H1
L1
H2
L2
H3
L3
MODE 0
MODE 0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com