Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 203 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 203 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 199Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 200Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 201Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 202Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 203Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 204Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 205Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 206Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 207Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
203
The programmer’s model of the XGATE RISC core is shown in Figure 6-19. The processor offers a set of
seven general purpose registers (R1 - R7), which serve as accumulators and index registers. An additional
eighth register (R0) is tied to the value “$0000”. Register R1 has an additional functionality. It is preloaded
with the initial variable pointer of the channel’s service request vector (see Figure 6-20). The initial content
of the remaining general purpose registers is undefined.
The 16 bit program counter allows the addressing of a 64 kbyte address space.
The condition code register contains four bits: the sign bit (S), the zero flag (Z), the overflow flag (V), and
the carry bit (C). The initial content of the condition code register is undefined.
6.4.3
Memory Map
The XGATE’s RISC core is able to access an address space of 64K bytes. The allocation of memory blocks
within this address space is determined on chip level. Refer to the S12X_MMC Section for a detailed
information.
The XGATE vector block assigns a start address and a variable pointer to each XGATE channel. Its
position in the XGATE memory map can be adjusted through the XGVBR register (see Section 6.3.1.3,
“XGATE Vector Base Address Register (XGVBR)”). Figure 6-20 shows the layout of the vector block.
Each vector consists of two 16 bit words. The first contains the start address of the service routine. This
value will be loaded into the program counter before a service routine is executed. The second word is a
pointer to the service routine’s variable space. This value will be loaded into register R1 before a service
routine is executed.
Figure 6-20. XGATE Vector Block
+$0000
unused
+$0024
+$0028
+$002C
+$0030
+$01E0
Code
Variables
Code
Variables
XGVBR
Channel $0A Initial Program Counter
Channel $0A Initial Variable Pointer
Channel $09 Initial Program Counter
Channel $09 Initial Variable Pointer
Channel $0B Initial Program Counter
Channel $0B Initial Variable Pointer
Channel $0C Initial Program Counter
Channel $0C Initial Variable Pointer
Channel $78 Initial Program Counter
Channel $78 Initial Variable Pointer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com