Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 206 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 206 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 202Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 203Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 204Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 205Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 206Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 207Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 208Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 209Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 210Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
206
Freescale Semiconductor
6.5
Interrupts
6.5.1
Incoming Interrupt Requests
XGATE threads are triggered by interrupt requests which are routed to the XGATE module (see
S12X_INT Section). Only a subset of the MCU’s interrupt requests can be routed to the XGATE. Which
specific interrupt requests these are and which channel ID they are assigned to is documented in Section
“Interrupts” of the SoC Guide.
6.5.2
Outgoing Interrupt Requests
There are three types of interrupt requests which can be triggered by the XGATE module:
4. Channel interrupts
For each XGATE channel there is an associated interrupt flag in the XGATE interrupt flag vector
(XGIF, see Section 6.3.1.4, “XGATE Channel Interrupt Flag Vector (XGIF)”). These flags can be
set through the "SIF" instruction by the RISC core. They are typically used to flag an interrupt to
the S12X_CPU when the XGATE has completed one of its tasks.
5. Software triggers
Software triggers are interrupt flags, which can be set and cleared by software (see Section 6.3.1.5,
“XGATE Software Trigger Register (XGSWT)”). They are typically used to trigger XGATE tasks
by the S12X_CPU software. However these interrupts can also be routed to the S12X_CPU (see
S12X_INT Section) and triggered by the XGATE software.
6. Software error interrupt
The software error interrupt signals to the S12X_CPU the detection of an error condition in the
XGATE application code (see Section 6.4.5, “Software Error Detection”).
All XGATE interrupts can be disabled by the XGIE bit in the XGATE module control register (XGMCTL,
see Section 6.3.1.1, “XGATE Control Register (XGMCTL)”).
6.6
Debug Mode
The XGATE debug mode is a feature to allow debugging of application code.
6.6.1
Debug Features
In debug mode the RISC core will be halted and the following debug features will be enabled:
•
Read and Write accesses to RISC core registers (XGCCR, XGPC, XGR1–XGR7)1
All RISC core registers can be modified. Leaving debug mode will cause the RISC core to continue
program execution with the modified register values.
1. Only possible if MCU is unsecured



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com