| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
P912XDP512F0MPVR Datasheet(PDF) 365 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
P912XDP512F0MPVR Datasheet(HTML) 365 Page - Freescale Semiconductor, Inc |
|
365 / 1350 page ![]() Chapter 8 Pulse-Width Modulator (S12PWM8B8CV1) MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 365 8.2.3 PWM5 — PWM Channel 5 This pin serves as waveform output of PWM channel 5. 8.2.4 PWM4 — PWM Channel 4 This pin serves as waveform output of PWM channel 4. 8.2.5 PWM3 — PWM Channel 3 This pin serves as waveform output of PWM channel 3. 8.2.6 PWM3 — PWM Channel 2 This pin serves as waveform output of PWM channel 2. 8.2.7 PWM3 — PWM Channel 1 This pin serves as waveform output of PWM channel 1. 8.2.8 PWM3 — PWM Channel 0 This pin serves as waveform output of PWM channel 0. 8.3 Memory Map and Register Definition This section describes in detail all the registers and register bits in the PWM module. The special-purpose registers and register bit functions that are not normally available to device end users, such as factory test control registers and reserved registers, are clearly identified by means of shading the appropriate portions of address maps and register diagrams. Notes explaining the reasons for restricting access to the registers and functions are also explained in the individual register descriptions. 8.3.1 Module Memory Map This section describes the content of the registers in the PWM module. The base address of the PWM module is determined at the MCU level when the MCU is defined. The register decode map is fixed and begins at the first address of the module address offset. The figure below shows the registers associated with the PWM and their relative offset from the base address. The register detail description follows the order they appear in the register map. Reserved bits within a register will always read as 0 and the write will be unimplemented. Unimplemented functions are indicated by shading the bit. . |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |