Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 368 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 368 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 364Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 365Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 366Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 367Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 368Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 369Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 370Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 371Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 372Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 1350 page
background image
Chapter 8 Pulse-Width Modulator (S12PWM8B8CV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
368
Freescale Semiconductor
8.3.2.1
PWM Enable Register (PWME)
Each PWM channel has an enable bit (PWMEx) to start its waveform output. When any of the PWMEx
bits are set (PWMEx = 1), the associated PWM output is enabled immediately. However, the actual PWM
waveform is not available on the associated PWM output until its clock source begins its next cycle due to
the synchronization of PWMEx and the clock source.
NOTE
The first PWM cycle after enabling the channel can be irregular.
An exception to this is when channels are concatenated. Once concatenated mode is enabled (CONxx bits
set in PWMCTL register), enabling/disabling the corresponding 16-bit PWM channel is controlled by the
PWMPER7
R
Bit 7
6
5
4
3
2
1
Bit 0
W
PWMDTY0
R
Bit 7
6
5
4
3
2
1
Bit 0
W
PWMDTY1
R
Bit 7
6
5
4
3
2
1
Bit 0
W
PWMDTY2
R
Bit 7
6
5
4
3
2
1
Bit 0
W
PWMDTY3
R
Bit 7
6
5
4
3
2
1
Bit 0
W
PWMDTY4
R
Bit 7
6
5
4
3
2
1
Bit 0
W
PWMDTY5
R
Bit 7
6
5
4
3
2
1
Bit 0
W
PWMDTY6
R
Bit 7
6
5
4
3
2
1
Bit 0
W
PWMDTY7
R
Bit 7
6
5
4
3
2
1
Bit 0
W
PWMSDN
R
PWMIF
PWMIE
0
PWMLVL
0
PWM7IN
PWM7INL
PWM7ENA
W
PWMRSTRT
1 Intended for factory test purposes only.
Register
Name
Bit 7
6
5
4
3
2
1
Bit 0
= Unimplemented or Reserved
Figure 8-2. PWM Register Summary (Sheet 3 of 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com