Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 391 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 391 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 387Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 388Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 389Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 390Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 391Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 392Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 393Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 394Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 395Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 1350 page
background image
Chapter 8 Pulse-Width Modulator (S12PWM8B8CV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
391
Figure 8-24. PWM 16-Bit Mode
Once concatenated mode is enabled (CONxx bits set in PWMCTL register), enabling/disabling the
corresponding 16-bit PWM channel is controlled by the low order PWMEx bit. In this case, the high order
bytes PWMEx bits have no effect and their corresponding PWM output is disabled.
In concatenated mode, writes to the 16-bit counter by using a 16-bit access or writes to either the low or
high order byte of the counter will reset the 16-bit counter. Reads of the 16-bit counter must be made by
16-bit access to maintain data coherency.
PWMCNT6
PWCNT7
PWM7
Clock Source 7
High
Low
Period/Duty Compare
PWMCNT4
PWCNT5
PWM5
Clock Source 5
High
Low
Period/Duty Compare
PWMCNT2
PWCNT3
PWM3
Clock Source 3
High
Low
Period/Duty Compare
PWMCNT0
PWCNT1
PWM1
Clock Source 1
High
Low
Period/Duty Compare



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com