Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 393 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 393 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 389Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 390Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 391Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 392Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 393Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 394Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 395Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 396Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 397Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 1350 page
background image
Chapter 8 Pulse-Width Modulator (S12PWM8B8CV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
393
8.6
Interrupts
The PWM module has only one interrupt which is generated at the time of emergency shutdown, if the
corresponding enable bit (PWMIE) is set. This bit is the enable for the interrupt. The interrupt flag PWMIF
is set whenever the input level of the PWM7 channel changes while PWM7ENA = 1 or when PWMENA
is being asserted while the level at PWM7 is active.
In stop mode or wait mode (with the PSWAI bit set), the emergency shutdown feature will drive the PWM
outputs to their shutdown output levels but the PWMIF flag will not be set.
A description of the registers involved and affected due to this interrupt is explained in Section 8.3.2.15,
“PWM Shutdown Register (PWMSDN)”.
The PWM block only generates the interrupt and does not service it. The interrupt signal name is PWM
interrupt signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com