Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 570 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 570 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 566Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 567Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 568Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 569Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 570Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 571Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 572Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 573Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 574Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 570 / 1350 page
background image
Chapter 15 Background Debug Module (S12XBDMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
570
Freescale Semiconductor
•
Software control of BDM operation during wait mode
•
Software selectable clocks
•
Global page access functionality
•
Enabled but not active out of reset in emulation modes
•
CLKSW bit set out of reset in emulation mode.
•
When secured, hardware commands are allowed to access the register space in special single chip
mode, if the Flash and EEPROM erase tests fail.
•
Family ID readable from firmware ROM at global address 0x7FFF0F (value for HCS12X devices
is 0xC1)
•
BDM hardware commands are operational until system stop mode is entered (all bus masters are
in stop mode)
15.1.2
Modes of Operation
BDM is available in all operating modes but must be enabled before firmware commands are executed.
Some systems may have a control bit that allows suspending the function during background debug mode.
15.1.2.1
Regular Run Modes
All of these operations refer to the part in run mode and not being secured. The BDM does not provide
controls to conserve power during run mode.
•
Normal modes
General operation of the BDM is available and operates the same in all normal modes.
•
Special single chip mode
In special single chip mode, background operation is enabled and active out of reset. This allows
programming a system with blank memory.
•
Emulation modes
In emulation mode, background operation is enabled but not active out of reset. This allows
debugging and programming a system in this mode more easily.
15.1.2.2
Secure Mode Operation
If the device is in secure mode, the operation of the BDM is reduced to a small subset of its regular run
mode operation. Secure operation prevents access to Flash or EEPROM other than allowing erasure. For
more information please see Section 15.4.1, “Security”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com