Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 571 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 571 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 567Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 568Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 569Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 570Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 571Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 572Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 573Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 574Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 575Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 571 / 1350 page
background image
Chapter 15 Background Debug Module (S12XBDMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
571
15.1.2.3
Low-Power Modes
The BDM can be used until all bus masters (e.g., CPU or XGATE) are in stop mode. When CPU is in a
low power mode (wait or stop mode) all BDM firmware commands as well as the hardware
BACKGROUND command can not be used respectively are ignored. In this case the CPU can not enter
BDM active mode, and only hardware read and write commands are available. Also the CPU can not enter
a low power mode during BDM active mode.
If all bus masters are in stop mode, the BDM clocks are stopped as well. When BDM clocks are disabled
and one of the bus masters exits from stop mode the BDM clocks will restart and BDM will have a soft
reset (clearing the instruction register, any command in progress and disable the ACK function). The BDM
is now ready to receive a new command.
15.1.3
Block Diagram
A block diagram of the BDM is shown in Figure 15-1.
Figure 15-1. BDM Block Diagram
ENBDM
CLKSW
BDMACT
TRACE
SDV
16-Bit Shift Register
BKGD
Host
System
Serial
Interface
Data
Control
UNSEC
Register Block
Register
BDMSTS
Instruction Code
and
Execution
Standard BDM Firmware
LOOKUP TABLE
Secured BDM Firmware
LOOKUP TABLE
Bus Interface
and
Control Logic
Address
Data
Control
Clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com