Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 607 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 607 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 603Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 604Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 605Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 606Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 607Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 608Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 609Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 610Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 611Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 607 / 1350 page
background image
Chapter 16 Interrupt (S12XINTV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
607
16.4
Functional Description
The XINT module processes all exception requests to be serviced by the CPU module. These exceptions
include interrupt vector requests and reset vector requests. Each of these exception types and their overall
priority level is discussed in the subsections below.
16.4.1
S12X Exception Requests
The CPU handles both reset requests and interrupt requests. The XINT contains registers to configure the
priority level of each I bit maskable interrupt request which can be used to implement an interrupt priority
scheme. This also includes the possibility to nest interrupt requests. A priority decoder is used to evaluate
the priority of a pending interrupt request.
16.4.2
Interrupt Prioritization
After system reset all interrupt requests with a vector address lower than or equal to (vector base + 0x00F2)
are enabled, are set up to be handled by the CPU and have a pre-configured priority level of 1. The
exception to this rule is the spurious interrupt vector request at (vector base + 0x0010) which cannot be
disabled, is always handled by the CPU and has a fixed priority level of 7. A priority level of 0 effectively
disables the associated interrupt request.
If more than one interrupt request is configured to the same interrupt priority level the interrupt request
with the higher vector address wins the prioritization.
The following conditions must be met for an I bit maskable interrupt request to be processed.
1. The local interrupt enabled bit in the peripheral module must be set.
2. The setup in the configuration register associated with the interrupt request channel must meet the
following conditions:
a) The XGATE request enable bit must be 0 to have the CPU handle the interrupt request.
b) The priority level must be set to non zero.
c) The priority level must be greater than the current interrupt processing level in the condition
code register (CCR) of the CPU (PRIOLVL[2:0] > IPL[2:0]).
3. The I bit in the condition code register (CCR) of the CPU must be cleared.
4. There is no SWI, TRAP, or XIRQ request pending.
NOTE
All non I bit maskable interrupt requests always have higher priority than
I bit maskable interrupt requests. If an I bit maskable interrupt request is
interrupted by a non I bit maskable interrupt request, the currently active
interrupt processing level (IPL) remains unaffected. It is possible to nest
non I bit maskable interrupt requests, e.g., by nesting SWI or TRAP calls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com