Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 609 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 609 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 605Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 606Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 607Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 608Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 609Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 610Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 611Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 612Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 613Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 609 / 1350 page
background image
Chapter 16 Interrupt (S12XINTV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
609
If the interrupt source is unknown (for example, in the case where an interrupt request becomes inactive
after the interrupt has been recognized, but prior to the vector request), the vector address supplied to the
CPU will default to that of the spurious interrupt vector.
NOTE
Care must be taken to ensure that all exception requests remain active until
the system begins execution of the applicable service routine; otherwise, the
exception request may not get processed at all or the result may be a
spurious interrupt request (vector at address (vector base + 0x0010)).
16.4.5
Reset Exception Requests
The XINT supports three system reset exception request types (please refer to CRG for details):
1. Pin reset, power-on reset, low-voltage reset, or illegal address reset
2. Clock monitor reset request
3. COP watchdog reset request
16.4.6
Exception Priority
The priority (from highest to lowest) and address of all exception vectors issued by the XINT upon request
by the CPU is shown in Table 16-8.
Table 16-8. Exception Vector Map and Priority
Vector Address1
1 16 bits vector address based
Source
0xFFFE
Pin reset, power-on reset, low-voltage reset, illegal address reset
0xFFFC
Clock monitor reset
0xFFFA
COP watchdog reset
(Vector base + 0x00F8)
Unimplemented opcode trap
(Vector base + 0x00F6)
Software interrupt instruction (SWI) or BDM vector request
(Vector base + 0x00F4)
XIRQ interrupt request
(Vector base + 0x00F2)
IRQ interrupt request
(Vector base + 0x00F0–0x0012) Device specific I bit maskable interrupt sources (priority determined by the associated
configuration registers, in descending order)
(Vector base + 0x0010)
Spurious interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com