Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 718 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 718 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 714Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 715Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 716Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 717Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 718Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 719Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 720Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 721Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 722Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 718 / 1350 page
background image
Chapter 19 Debug (S12XDBGV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
718
Freescale Semiconductor
19.4.2.3.2
Outside Range (Address < CompAC_Addr or Address > CompBD_Addr)
In the outside range comparator mode, either comparator pair A and B or comparator pair C and D can be
configured for range comparisons. A single match condition on either of the comparators is recognized as
valid. An aligned word access which straddles the range boundary will cause a trigger only if the aligned
address is outside the range.
Outside range mode in combination with tagged triggers can be used to detect if the opcode fetches are
from an unexpected range. In forced trigger modes the outside range trigger would typically be activated
at any interrupt vector fetch or register access. This can be avoided by setting the upper range limit to
0x7FFFFF or lower range limit to 0x000000 respectively.
When comparing the XGATE address bus in outside range mode, the initial vector fetch as determined by
the vector contained in the XGATE XGVBR register should be taken into consideration. The XGVBR
register and hence vector address can be modified.
19.4.3
Trigger Modes
Trigger modes are used as qualifiers for a state sequencer change of state. The control logic determines the
trigger mode and provides a trigger to the state sequencer. The individual trigger modes are described in
the following sections.
19.4.3.1
Trigger On Comparator Match
If a comparator match occurs, a trigger occurs to initiate a transition to another state sequencer state and
the corresponding flags in DBGSR are set. For a comparator match to trigger firstly the comparator must
be enabled by setting the COMPE bit in the corresponding comparator control register. Secondly the state
control register for the current state must enable the match for that state. The state control registers allow
for different matches to be enabled in each of the states 1 to 3.
19.4.3.2
Trigger On Comparator Related Taghit
If either a CPU or XGATE taghit occurs a transition to another state sequencer state is initiated and the
corresponding DBGSR flags are set. For a comparator related taghit to occur, the DBG must first generate
tags based on comparator matches. When the tagged instruction reaches the execution stage of the
instruction queue a taghit is generated by the CPU/XGATE.
19.4.3.3
External Tag Trigger
In external tagging trigger mode, the TAGLO and TAGHI pins (mapped to device pins) are used to tag an
instruction. This function can be used as another breakpoint source. When the tagged opcode reaches the
execution stage of the instruction queue a transition to the disarmed state0 occurs, ending the debug session
and generating a breakpoint, if breakpoints are enabled. External tagging is only possible in device
emulation modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com