Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 719 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 719 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 715Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 716Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 717Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 718Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 719Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 720Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 721Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 722Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 723Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 719 / 1350 page
background image
Chapter 19 Debug (S12XDBGV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
719
19.4.3.4
Trigger On XGATE S/W Breakpoint Request
The XGATE S/W breakpoint request issues a forced breakpoint request to the CPU immediately
independent of DBG settings. If the debug module is armed triggers the state sequencer into the disarmed
state. Active tracing sessions are terminated immediately, thus if tracing has not yet begun using begin-
trigger, no trace information is stored. XGATE generated breakpoints are independent of the DBGBRK
bits. The XGSBPE bit in DBGC1 determines if the XGATE S/W breakpoint function is enabled. The BDM
bit in DBGC1 determines if the XGATE requested breakpoint causes the system to enter BDM mode or
initiate a software interrupt (SWI).
19.4.3.5
Immediate Trigger
At any time independent of comparator matches or external tag signals it is possible to initiate a tracing
session and/or breakpoint by writing to the TRIG bit in DBGC1. This triggers the state sequencer into the
final state and issues a forced breakpoint request to both CPU and XGATE.
19.4.3.6
Trigger Priorities
In case of simultaneous triggers, the priority is resolved according to Table 19-38. The lower priority
trigger is suppressed. It is thus possible to miss a lower priority trigger if it occurs simultaneously with a
trigger of a higher priority. The trigger priorities described in Table 19-38 dictate that in the case of
simultaneous matches, the match on the lower channel number ([0,1,2,3) has priority. The SC[3:0]
encoding ensures that a match leading to final state has priority over all other matches independent of
current state sequencer state. When configured for range modes a simultaneous match of comparators A
and C generates an active match0 while match2 is suppressed.
Table 19-38. Trigger Priorities
Priority
Source
Action
Highest
XGATE
Immediate forced breakpoint......(Tracing terminated immediately).
TRIG
Enter final state
External TAGHI/TAGLO
Enter State0
Match0 (force or tag hit)
Trigger to next state as defined by state control registers
Match1 (force or tag hit)
Trigger to next state as defined by state control registers
Match2 (force or tag hit)
Trigger to next state as defined by state control registers
Lowest
Match3 (force or tag hit)
Trigger to next state as defined by state control registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com