Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 799 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 799 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 795Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 796Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 797Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 798Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 799Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 800Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 801Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 802Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 803Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 799 / 1350 page
background image
Chapter 21 External Bus Interface (S12XEBIV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
799
Stretched accesses are controlled by:
1. EXSTR[2:0] bits in the EBICTL1 register configuring fixed amount of stretch cycles
2. Activation of the external wait feature by EWAITE in EBICTL1 register
3. Assertion of the external EWAIT signal when EWAITE = 1
The EXSTR[2:0] control bits can be programmed for generation of a fixed number of 1 to 8 stretch cycles.
If the external wait feature is enabled, the minimum number of additional stretch cycles is 2. An arbitrary
amount of stretch cycles can be added using the EWAIT input.
EWAIT needs to be asserted at least for a minimal specified time window within an external access cycle
for the internal logic to detect it and add a cycle (refer to electrical characteristics). Holding it for additional
cycles will cause the external bus access to be stretched accordingly.
Write accesses are stretched by holding the initiator in its current state for additional cycles as programmed
and controlled by external wait after the data have been driven out on the external bus. This results in an
extension of time the bus signals and the related control signals are valid externally.
Read data are not captured by the system in normal expanded mode until the specified setup time before
the RE rising edge.
Read data are not captured in emulation expanded mode until the specified setup time before the falling
edge of ECLK.
In emulation expanded mode, accesses to the internal flash or the emulation memory (determined by
EROMON and ROMON bits; see S12X_MMC section for details) always take 1 cycle and stretching is
not supported. In case the internal flash is taken out of the map in user applications, accesses are stretched
as programmed and controlled by external wait.
21.4.5
Data Select and Data Direction Signals
The S12X_EBI supports byte and word accesses at any valid external address. The big endian system of
the MCU is extended to the external bus; however, word accesses are restricted to even aligned addresses.
The only exception is the visibility of misaligned word accesses to addresses in the internal RAM as this
module exclusively supports these kind of accesses in a single cycle.
With the above restriction, a fixed relationship is implied between the address parity and the dedicated bus
halves where the data are accessed: DATA[15:8] is related to even addresses and DATA[7:0] is related to
odd addresses.
In expanded modes the data access type is externally determined by a set of control signals, i.e., data select
and data direction signals, as described below. The data select signals are not available if using the external
bus interface with an 8-bit data bus.
21.4.5.1
Normal Expanded Mode
In normal expanded mode, the external signals RE, WE, UDS, LDS indicate the access type (read/write),
data size and alignment of an external bus access (Table 21-17).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com