Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 801 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 801 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 797Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 798Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 799Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 800Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 801Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 802Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 803Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 804Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 805Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 801 / 1350 page
background image
Chapter 21 External Bus Interface (S12XEBIV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
801
21.4.6
Low-Power Options
The XEBI does not support any user-controlled options for reducing power consumption.
21.4.6.1
Run Mode
The XEBI does not support any options for reducing power in run mode.
Power consumption is reduced in single-chip modes due to the absence of the external bus interface.
Operation in expanded modes results in a higher power consumption, however any unnecessary toggling
of external bus signals is reduced to the lowest indispensable activity by holding the previous states
between external accesses.
21.4.6.2
Wait Mode
The XEBI does not support any options for reducing power in wait mode.
21.4.6.3
Stop Mode
The XEBI will cease to function in stop mode.
21.5
Initialization/Application Information
This section describes the external bus interface usage and timing. Typical customer operating modes are
normal expanded mode and emulation modes, specifically to be used in emulator applications. Taking the
availability of the external wait feature into account the use cases are divided into four scenarios:
•
Normal expanded mode
— External wait feature disabled
–
External wait feature enabled
•
Emulation modes
–
Emulation single-chip mode (without wait states)
–
Emulation expanded mode (with optional access stretching)
Normal single-chip mode and special single-chip mode do not have an external bus. Special test mode is
used for factory test only. Therefore, these modes are omitted here.
All timing diagrams referred to throughout this section are available in the Electrical Characteristics
appendix of the SoC section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com