Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 885 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 885 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 881Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 882Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 883Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 884Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 885Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 886Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 887Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 888Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 889Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 885 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
885
22.4.2.6
Port T
This port is associated with the ECT module. Port T pins PT[7:0] can be used for either general-purpose
I/O, or with the channels of the enhanced capture timer.
22.4.2.7
Port S
This port is associated with SCI0, SCI1 and SPI0. Port S pins PS[7:0] can be used either for general-
purpose I/O, or with the SCI and SPI subsystems.
The SPI0 pins can be re-routed. Refer to Section 22.3.2.37, “Module Routing Register (MODRR)”.
NOTE
PS[7:4] are not available in 80-pin packages.
22.4.2.8
Port M
This port is associated with the SCI3, CAN4–0 and SPI0. Port M pins PM[7:0] can be used for either
general purpose I/O, or with the CAN, SCI and SPI subsystems.
The CAN0, CAN4 and SPI0 pins can be re-routed. Refer to Section 22.3.2.37, “Module Routing Register
(MODRR)”.
NOTE
PM[7:6] are not available in 80-pin packages.
22.4.2.9
Port P
This port is associated with the PWM, SPI1 and SPI2. Port P pins PP[7:0] can be used for either general
purpose I/O, or with the PWM and SPI subsystems.
The pins are shared between the PWM channels and the SPI1 and SPI2 modules. If the PWM is enabled
the pins become PWM output channels with the exception of pin 7 which can be PWM input or output. If
SPI1 or SPI2 are enabled and PWM is disabled, the respective pin configuration is determined by status
bits in the SPI modules.
The SPI1 and SPI2 pins can be re-routed. Refer to Section 22.3.2.37, “Module Routing Register
(MODRR)”.
Port P offers 8 I/O pins with edge triggered interrupt capability in wired-OR fashion (Section 22.4.3, “Pin
Interrupts”).
NOTE
PP[6] is not available in 80-pin packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com