Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 889 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 889 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 885Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 886Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 887Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 888Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 889Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 890Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 891Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 892Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 893Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 889 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
889
22.4.5
Low-Power Options
22.4.5.1
Run Mode
No low-power options exist for this module in run mode.
22.4.5.2
Wait Mode
No low-power options exist for this module in wait mode.
22.4.5.3
Stop Mode
All clocks are stopped. There are asynchronous paths to generate interrupts from stop on port P, H, and J.
22.5
Initialization and Application Information
•
It is not recommended to write PORTx and DDRx in a word access. When changing the register
pins from inputs to outputs, the data may have extra transitions during the write access. Initialize
the port data register before enabling the outputs.
PE6
GPIO
GPIO
GPIO
TAGHI
TAGHI
GPIO
PE5
GPIO
GPIO
RE
TAGLO
TAGLO
GPIO
PE4
GPIO
or
ECLK
ECLK
or
GPIO
ECLK
or
GPIO
ECLK
ECLK
ECLK
or
GPIO
PE3
GPIO
GPIO
LDS
or
GPIO
LSTRB
LSTRB
LSTRB
PE2
GPIO
GPIO
WE
R/WR/WR/W
PJ5
GPIO
GPIO
GPIO
or
CS2
GPIO
GPIO
or
CS2
GPIO
or
CS2
PJ4
GPIO
GPIO
GPIO
or
CS0 (1)
GPIO
GPIO
or
CS0 (1)
GPIO
or
CS0
PJ2
GPIO
GPIO
GPIO
or
CS1
GPIO
GPIO
or
CS1
GPIO
or
CS1
PJ0
GPIO
GPIO
GPIO
or
CS3
GPIO
GPIO
or
CS3
GPIO
or
CS3
1 Depending on ROMON bit. Refer to Device Guide, S12X_EBI section and S12X_MMC section for details.
Table 22-70. Expanded Bus Pin Functions versus Operating Modes (continued)
Pin
Single-Chip Modes
Expanded Modes
Normal
Single-Chip
Special
Single-Chip
Normal
Expanded
Emulation
Single-Chip
Emulation
Expanded
Special
Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com