| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
P912XDP512F0MPVR Datasheet(PDF) 912 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
P912XDP512F0MPVR Datasheet(HTML) 912 Page - Freescale Semiconductor, Inc |
|
912 / 1350 page ![]() Chapter 23 DQ256 Port Integration Module (S12XDQ256PIMV2) MC9S12XDP512 Data Sheet, Rev. 2.17 912 Freescale Semiconductor 0x0248 Port S Data Register (PTS) Read / Write 0x0249 Port S Input Register (PTIS) Read 0x024A Port S Data Direction Register (DDRS) Read / Write 0x024B Port S Reduced Drive Register (RDRS) Read / Write 0x024C Port S Pull Device Enable Register (PERS) Read / Write 0x024D Port S Polarity Select Register (PPSS) Read / Write 0x024E Port S Wired-OR Mode Register (WOMS) Read / Write 0x024F PIM Reserved — 0x0250 Port M Data Register (PTM) Read / Write 0x0251 Port M Input Register (PTIM) Read 0x0252 Port M Data Direction Register (DDRM) Read / Write 0x0253 Port M Reduced Drive Register (RDRM) Read / Write 0x0254 Port M Pull Device Enable Register (PERM) Read / Write 0x0255 Port M Polarity Select Register (PPSM) Read / Write 0x0256 Port M Wired-OR Mode Register (WOMM) Read / Write 0x0257 Module Routing Register (MODRR) Read / Write 0x0258 Port P Data Register (PTP) Read / Write 0x0259 Port P Input Register (PTIP) Read 0x025A Port P Data Direction Register (DDRP) Read / Write 0x025B Port P Reduced Drive Register (RDRP) Read / Write 0x025C Port P Pull Device Enable Register (PERP) Read / Write 0x025D Port P Polarity Select Register (PPSP) Read / Write 0x025E Port P Interrupt Enable Register (PIEP) Read / Write 0x025F Port P Interrupt Flag Register (PIFP) Read / Write 0x0260 Port H Data Register (PTH) Read / Write 0x0261 Port H Input Register (PTIH) Read 0x0262 Port H Data Direction Register (DDRH) Read / Write 0x0263 Port H Reduced Drive Register (RDRH) Read / Write 0x0264 Port H Pull Device Enable Register (PERH) Read / Write 0x0265 Port H Polarity Select Register (PPSH) Read / Write 0x0266 Port H Interrupt Enable Register (PIEH) Read / Write 0x0267 Port H Interrupt Flag Register (PIFH) Read / Write 0x0268 Port J Data Register (PTJ) Read / Write1 0x0269 Port J Input Register (PTIJ) Read 0x026A Port J Data Direction Register (DDRJ) Read / Write1 Table 23-2. PIM Memory Map (Sheet 2 of 3) Address Use Access |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |