| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
P912XDP512F0MPVR Datasheet(PDF) 913 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
P912XDP512F0MPVR Datasheet(HTML) 913 Page - Freescale Semiconductor, Inc |
|
913 / 1350 page ![]() 23.0.5 Register Descriptions Table 23-3 summarizes the effect on the various configuration bits, data direction (DDR), output level (IO), reduced drive (RDR), pull enable (PE), pull select (PS), and interrupt enable (IE) for the ports. The configuration bit PS is used for two purposes: 1. Configure the sensitive interrupt edge (rising or falling), if interrupt is enabled. 2. Select either a pull-up or pull-down device if PE is active. 0x026B Port J Reduced Drive Register (RDRJ) Read / Write1 0x026C Port J Pull Device Enable Register (PERJ) Read / Write1 0x026D Port J Polarity Select Register (PPSJ) Read / Write1 0x026E Port J Interrupt Enable Register (PIEJ) Read / Write1 0x026F Port J Interrupt Flag Register (PIFJ) Read / Write1 0x0270 PIM Reserved — 0x0271 Port AD0 Data Register 1 (PT1AD0) Read / Write 0x0272 PIM Reserved — 0x0273 Port AD0 Data Direction Register 1 (DDR1AD0) Read / Write 0x0274 PIM Reserved — 0x0275 Port AD0 Reduced Drive Register 1 (RDR1AD0) Read / Write 0x0276 PIM Reserved — 0x0277 Port AD0 Pull Up Enable Register 1 (PER1AD0) Read / Write 0x0278 Port AD1 Data Register 0 (PT0AD1) Read / Write 0x0279 Port AD1 Data Register 1 (PT1AD1) Read / Write 0x027A Port AD1 Data Direction Register 0 (DDR0AD1) Read / Write 0x027B Port AD1 Data Direction Register 1 (DDR1AD1) Read / Write 0x027C Port AD1 Reduced Drive Register 0 (RDR0AD1) Read / Write 0x027D Port AD1 Reduced Drive Register 1 (RDR1AD1) Read / Write 0x027E Port AD1 Pull Up Enable Register 0 (PER0AD1) Read / Write 0x027F Port AD1 Pull Up Enable Register 1 (PER1AD1) Read / Write 1. Write access not applicable for one or more register bits. Refer to Section 23.0.5, “Regis- ter Descriptions”. Table 23-2. PIM Memory Map (Sheet 3 of 3) Address Use Access |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |