Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 97Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 98Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 99Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 100Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 101Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 102Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 103Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 104Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 1350 page
background image
Chapter 2 Clocks and Reset Generator (S12CRGV6)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
101
The clock generator creates the clocks used in the MCU (see Figure 2-17). The gating condition placed on
top of the individual clock gates indicates the dependencies of different modes (STOP, WAIT) and the
setting of the respective configuration bits.
The peripheral modules use the bus clock. Some peripheral modules also use the oscillator clock. The
memory blocks use the bus clock. If the MCU enters self clock mode (see Section 2.4.2.2, “Self Clock
Mode”) oscillator clock source is switched to PLLCLK running at its minimum frequency fSCM. The bus
clock is used to generate the clock visible at the ECLK pin. The core clock signal is the clock for the CPU.
The core clock is twice the bus clock as shown in Figure 2-18. But note that a CPU cycle corresponds to
one bus clock.
PLL clock mode is selected with PLLSEL bit in the CLKSEL registerr. When selected, the PLL output
clock drives SYSCLK for the main system including the CPU and peripherals. The PLL cannot be turned
off by clearing the PLLON bit, if the PLL clock is selected. When PLLSEL is changed, it takes a maximum
of 4 OSCCLK plus 4 PLLCLK cycles to make the transition. During the transition, all clocks freeze and
CPU activity ceases.
Figure 2-18. Core Clock and Bus Clock Relationship
2.4.1.3
Clock Monitor (CM)
If no OSCCLK edges are detected within a certain time, the clock monitor within the oscillator block
generates a clock monitor fail event. The CRG then asserts self clock mode or generates a system reset
depending on the state of SCME bit. If the clock monitor is disabled or the presence of clocks is detected
no failure is indicated by the oscillator block.The clock monitor function is enabled/disabled by the CME
control bit.
2.4.1.4
Clock Quality Checker
The clock monitor performs a coarse check on the incoming clock signal. The clock quality checker
provides a more accurate check in addition to the clock monitor.
A clock quality check is triggered by any of the following events:
•
Power on reset (POR)
•
Low voltage reset (LVR)
•
Wake-up from full stop mode (exit full stop)
•
Clock monitor fail indication (CM fail)
A time window of 50,000 VCO clock cycles1 is called check window.
1. VCO clock cycles are generated by the PLL when running at minimum frequency fSCM.
CORE CLOCK
BUS CLOCK / ECLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com