Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 100Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 101Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 102Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 103Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 104Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 105Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 106Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 107Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 1350 page
background image
Chapter 2 Clocks and Reset Generator (S12CRGV6)
MC9S12XDP512 Data Sheet, Rev. 2.17
104
Freescale Semiconductor
2.4.2.2
Self Clock Mode
The VCO has a minimum operating frequency, fSCM. If the external clock frequency is not available due
to a failure or due to long crystal start-up time, the bus clock and the core clock are derived from the VCO
running at minimum operating frequency; this mode of operation is called self clock mode. This requires
CME = 1 and SCME = 1. If the MCU was clocked by the PLL clock prior to entering self clock mode, the
PLLSEL bit will be cleared. If the external clock signal has stabilized again, the CRG will automatically
select OSCCLK to be the system clock and return to normal mode. Section 2.4.1.4, “Clock Quality
Checker” for more information on entering and leaving self clock mode.
NOTE
In order to detect a potential clock loss the CME bit should be always
enabled (CME = 1)!
If CME bit is disabled and the MCU is configured to run on PLL clock
(PLLCLK), a loss of external clock (OSCCLK) will not be detected and will
cause the system clock to drift towards the VCO’s minimum frequency
fSCM. As soon as the external clock is available again the system clock
ramps up to its PLL target frequency. If the MCU is running on external
clock any loss of clock will cause the system to go static.
2.4.3
Low Power Options
This section summarizes the low power options available in the CRG.
2.4.3.1
Run Mode
The RTI can be stopped by setting the associated rate select bits to 0.
The COP can be stopped by setting the associated rate select bits to 0.
2.4.3.2
Wait Mode
The WAI instruction puts the MCU in a low power consumption stand-by mode depending on setting of
the individual bits in the CLKSEL register. All individual wait mode configuration bits can be superposed.
This provides enhanced granularity in reducing the level of power consumption during wait mode.
Table 2-11 lists the individual configuration bits and the parts of the MCU that are affected in wait mode
.
After executing the WAI instruction the core requests the CRG to switch MCU into wait mode. The CRG
then checks whether the PLLWAI bit is asserted (Figure 2-21). Depending on the configuration, the CRG
switches the system and core clocks to OSCCLK by clearing the PLLSEL bit and disables the PLL. As
soon as all clocks are switched off wait mode is active.
Table 2-11. MCU Configuration During Wait Mode
PLLWAI
RTIWAI
COPWAI
PLL
Stopped
—
—
RTI
—
Stopped
—
COP
—
—
Stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com