Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 106 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 102Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 103Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 104Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 105Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 106Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 107Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 108Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 109Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 1350 page
background image
Chapter 2 Clocks and Reset Generator (S12CRGV6)
MC9S12XDP512 Data Sheet, Rev. 2.17
106
Freescale Semiconductor
There are four different scenarios for the CRG to restart the MCU from wait mode:
•
External reset
•
Clock monitor reset
•
COP reset
•
Any interrupt
If the MCU gets an external reset or COP reset during wait mode active, the CRG asynchronously restores
all configuration bits in the register space to its default settings and starts the reset generator. After
completing the reset sequence processing begins by fetching the normal or COP reset vector. Wait mode
is left and the MCU is in run mode again.
If the clock monitor is enabled (CME = 1) the MCU is able to leave wait mode when loss of
oscillator/external clock is detected by a clock monitor fail. If the SCME bit is not asserted the CRG
generates a clock monitor fail reset (CMRESET). The CRG’s behavior for CMRESET is the same
compared to external reset, but another reset vector is fetched after completion of the reset sequence. If the
SCME bit is asserted the CRG generates a SCM interrupt if enabled (SCMIE = 1). After generating the
interrupt the CRG enters self-clock mode and starts the clock quality checker (Section 2.4.1.4, “Clock
Quality Checker”). Then the MCU continues with normal operation.If the SCM interrupt is blocked by
SCMIE = 0, the SCMIF flag will be asserted and clock quality checks will be performed but the MCU will
not wake-up from wait-mode.
If any other interrupt source (e.g., RTI) triggers exit from wait mode, the MCU immediately continues with
normal operation. If the PLL has been powered-down during wait mode, the PLLSEL bit is cleared and
the MCU runs on OSCCLK after leaving wait mode. The software must manually set the PLLSEL bit
again, in order to switch system and core clocks to the PLLCLK.
If wait mode is entered from self-clock mode the CRG will continue to check the clock quality until clock
check is successful. The PLL and voltage regulator (VREG) will remain enabled.
Table 2-12 summarizes the outcome of a clock loss while in wait mode.
2.4.3.3
System Stop Mode
All clocks are stopped in STOP mode, dependent of the setting of the PCE, PRE, and PSTP bit. The
oscillator is disabled in STOP mode unless the PSTP bit is set. All counters and dividers remain frozen but
do not initialize. If the PRE or PCE bits are set, the RTI or COP continues to run in pseudo stop mode. In
addition to disabling system and core clocks the CRG requests other functional units of the MCU (e.g.,
voltage-regulator) to enter their individual power saving modes (if available). This is the main difference
between pseudo stop mode and wait mode.
If the PLLSEL bit is still set when entering stop mode, the CRG will switch the system and core clocks to
OSCCLK by clearing the PLLSEL bit. Then the CRG disables the PLL, disables the core clock and finally
disables the remaining system clocks. As soon as all clocks are switched off, stop mode is active.
If pseudo stop mode (PSTP = 1) is entered from self-clock mode, the CRG will continue to check the clock
quality until clock check is successful. The PLL and the voltage regulator (VREG) will remain enabled. If
full stop mode (PSTP = 0) is entered from self-clock mode, an ongoing clock quality check will be
stopped. A complete timeout window check will be started when stop mode is left again.
Wake-up from stop mode also depends on the setting of the PSTP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com