Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 1062 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 1062 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 1058Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1059Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1060Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1061Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1062Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1063Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1064Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1065Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1066Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1062 / 1350 page
background image
Chapter 25 2 Kbyte EEPROM Module (S12XEETX2KV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
1062
Freescale Semiconductor
25.4.2.4
Mass Erase Command
The mass erase operation will erase all addresses in an EEPROM block using an embedded algorithm.
An example flow to execute the mass erase operation is shown in Figure 25-21. The mass erase command
write sequence is as follows:
1. Write to an EEPROM memory address to start the command write sequence for the mass erase
command. The address and data written will be ignored.
2. Write the mass erase command, 0x41, to the ECMD register.
3. Clear the CBEIF flag in the ESTAT register by writing a 1 to CBEIF to launch the mass erase
command.
If the EEPROM memory to be erased contains any protected area, the PVIOL flag in the ESTAT register
will set and the mass erase command will not launch. Once the mass erase command has successfully
launched, the CCIF flag in the ESTAT register will set after the mass erase operation has completed unless
a new command write sequence has been buffered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com