Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 1066 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 1066 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 1062Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1063Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1064Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1065Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1066Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1067Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1068Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1069Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1070Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1066 / 1350 page
background image
Chapter 25 2 Kbyte EEPROM Module (S12XEETX2KV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
1066
Freescale Semiconductor
25.4.2.6
Sector Modify Command
The sector modify operation will erase both words in a sector of EEPROM memory followed by a
reprogram of the addressed word using an embedded algorithm.
An example flow to execute the sector modify operation is shown in Figure 25-23. The sector modify
command write sequence is as follows:
1. Write to an EEPROM memory address to start the command write sequence for the sector modify
command. The EEPROM address written determines the sector to be erased and word to be
reprogrammed while byte address bit 0 is ignored.
2. Write the sector modify command, 0x60, to the ECMD register.
3. Clear the CBEIF flag in the ESTAT register by writing a 1 to CBEIF to launch the sector erase
command.
If an EEPROM sector to be modified is in a protected area of the EEPROM memory, the PVIOL flag in
the ESTAT register will set and the sector modify command will not launch. Once the sector modify
command has successfully launched, the CCIF flag in the ESTAT register will set after the sector modify
operation has completed unless a new command write sequence has been buffered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com