Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 1069 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 1069 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 1065Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1066Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1067Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1068Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1069Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1070Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1071Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1072Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1073Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1069 / 1350 page
background image
Chapter 25 2 Kbyte EEPROM Module (S12XEETX2KV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1069
25.5
Operating Modes
25.5.1
Wait Mode
If a command is active (CCIF = 0) when the MCU enters the wait mode, the active command and any
buffered command will be completed.
The EEPROM module can recover the MCU from wait mode if the CBEIF and CCIF interrupts are enabled
(see Section 25.8, “Interrupts”).
25.5.2
Stop Mode
If a command is active (CCIF = 0) when the MCU enters the stop mode, the operation will be aborted and,
if the operation is program, sector erase, mass erase, or sector modify, the EEPROM array data being
programmed or erased may be corrupted and the CCIF and ACCERR flags will be set. If active, the high
voltage circuitry to the EEPROM memory will immediately be switched off when entering stop mode.
Upon exit from stop mode, the CBEIF flag is set and any buffered command will not be launched. The
ACCERR flag must be cleared before starting a command write sequence (see Section 25.4.1.2,
“Command Write Sequence”).
NOTE
As active commands are immediately aborted when the MCU enters stop
mode, it is strongly recommended that the user does not use the STOP
instruction during program, sector erase, mass erase, or sector modify
operations.
25.5.3
Background Debug Mode
In background debug mode (BDM), the EPROT register is writable. If the MCU is unsecured, then all
EEPROM commands listed in Table 25-9 can be executed. If the MCU is secured and is in special single
chip mode, the only command available to execute is mass erase.
25.6
EEPROM Module Security
The EEPROM module does not provide any security information to the MCU. After each reset, the
security state of the MCU is a function of information provided by the Flash module (see the specific FTX
Block Guide).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com