Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 1125 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 1125 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 1121Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1122Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1123Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1124Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1125Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1126Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1127Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1128Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1129Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1125 / 1350 page
background image
Chapter 27 512 Kbyte Flash Module (S12XFTX512K4V2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1125
All FDATAHI and FDATALO bits are readable but are not writable. At the completion of a data compress
operation, the resulting 16-bit signature is stored in the FDATA registers. The data compression signature
is readable in the FDATA registers until a new command write sequence is started.
27.3.2.11 RESERVED1
This register is reserved for factory testing and is not accessible.
All bits read 0 and are not writable.
27.3.2.12 RESERVED2
This register is reserved for factory testing and is not accessible.
All bits read 0 and are not writable.
27.3.2.13 RESERVED3
This register is reserved for factory testing and is not accessible.
76543210
R
FDATALO
W
Reset
00000000
= Unimplemented or Reserved
Figure 27-19. Flash Data Low Register (FDATALO)
76543210
R
00000000
W
Reset
00000000
= Unimplemented or Reserved
Figure 27-20. RESERVED1
76543210
R
00000000
W
Reset
00000000
= Unimplemented or Reserved
Figure 27-21. RESERVED2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com