Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 1129 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 1129 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 1125Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1126Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1127Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1128Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1129Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1130Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1131Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1132Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1133Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1129 / 1350 page
background image
Chapter 27 512 Kbyte Flash Module (S12XFTX512K4V2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1129
27.4.1.2
Command Write Sequence
The Flash command controller is used to supervise the command write sequence to execute program,
erase, erase verify, erase abort, and data compress algorithms.
Before starting a command write sequence, the ACCERR and PVIOL flags in the FSTAT register must be
clear (see Section 27.3.2.6, “Flash Status Register (FSTAT)”) and the CBEIF flag should be tested to
determine the state of the address, data and command buffers. If the CBEIF flag is set, indicating the
buffers are empty, a new command write sequence can be started. If the CBEIF flag is clear, indicating the
buffers are not available, a new command write sequence will overwrite the contents of the address, data
and command buffers.
A command write sequence consists of three steps which must be strictly adhered to with writes to the
Flash module not permitted between the steps. However, Flash register and array reads are allowed during
a command write sequence. The basic command write sequence is as follows:
1. Write to a valid address in the Flash memory. Addresses in multiple Flash blocks can be written to
as long as the location is at the same relative address in each available Flash block. Multiple
addresses must be written in Flash block order starting with the lower Flash block.
2. Write a valid command to the FCMD register.
3. Clear the CBEIF flag in the FSTAT register by writing a 1 to CBEIF to launch the command.
The address written in step 1 will be stored in the FADDR registers and the data will be stored in the
FDATA registers. If the CBEIF flag in the FSTAT register is clear when the first Flash array write occurs,
the contents of the address and data buffers will be overwritten and the CBEIF flag will be set. When the
CBEIF flag is cleared, the CCIF flag is cleared on the same bus cycle by the Flash command controller
indicating that the command was successfully launched. For all command write sequences except data
compress and sector erase abort, the CBEIF flag will set four bus cycles after the CCIF flag is cleared
indicating that the address, data, and command buffers are ready for a new command write sequence to
begin. For data compress and sector erase abort operations, the CBEIF flag will remain clear until the
operation completes. Except for the sector erase abort command, a buffered command will wait for the
active operation to be completed before being launched. The sector erase abort command is launched when
the CBEIF flag is cleared as part of a sector erase abort command write sequence. Once a command is
launched, the completion of the command operation is indicated by the setting of the CCIF flag in the
FSTAT register. The CCIF flag will set upon completion of all active and buffered commands.
27.4.2
Flash Commands
Table 27-20 summarizes the valid Flash commands along with the effects of the commands on the Flash
block.
Table 27-20. Flash Command Description
FCMDB
NVM
Command
Function on Flash Memory
0x05
Erase
Verify
Verify all memory bytes in the Flash block are erased.
If the Flash block is erased, the BLANK flag in the FSTAT register will set upon command
completion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com