Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 1189 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 1189 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 1185Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1186Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1187Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1188Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1189Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1190Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1191Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1192Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1193Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1189 / 1350 page
background image
Chapter 28 256 Kbyte Flash Module (S12XFTX256K2V1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1189
NOTE
Vector addresses and their relative interrupt priority are determined at the
MCU level.
28.8.1
Description of Flash Interrupt Operation
The logic used for generating interrupts is shown in Figure 28-32.
The Flash module uses the CBEIF and CCIF flags in combination with the CBIE and CCIE enable bits to
generate the Flash command interrupt request.
Figure 28-32. Flash Interrupt Implementation
For a detailed description of the register bits, refer to Section 28.3.2.4, “Flash Configuration Register
(FCNFG)” and Section 28.3.2.6, “Flash Status Register (FSTAT)” .
Table 28-19. Flash Interrupt Sources
Interrupt Source
Interrupt Flag
Local Enable
Global (CCR) Mask
Flash Address, Data and Command Buffers empty
CBEIF
(FSTAT register)
CBEIE
(FCNFG register)
I Bit
All Flash commands completed
CCIF
(FSTAT register)
CCIE
(FCNFG register)
I Bit
Flash Command Interrupt Request
CBEIE
CBEIF
CCIE
CCIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com