| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
P912XDP512F0MPVR Datasheet(PDF) 1185 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
P912XDP512F0MPVR Datasheet(HTML) 1185 Page - Freescale Semiconductor, Inc |
|
1185 / 1350 page ![]() Chapter 28 256 Kbyte Flash Module (S12XFTX256K2V1) MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 1185 28.4.3 Illegal Flash Operations The ACCERR flag will be set during the command write sequence if any of the following illegal steps are performed, causing the command write sequence to immediately abort: 1. Writing to a Flash address before initializing the FCLKDIV register. 2. Writing a byte or misaligned word to a valid Flash address. 3. Starting a command write sequence while a data compress operation is active. 4. Starting a command write sequence while a sector erase abort operation is active. 5. Writing a Flash address in step 1 of a command write sequence that is not the same relative address as the first one written in the same command write sequence. 6. Writing to any Flash register other than FCMD after writing to a Flash address. 7. Writing a second command to the FCMD register in the same command write sequence. 8. Writing an invalid command to the FCMD register. 9. When security is enabled, writing a command other than mass erase to the FCMD register when the write originates from a non-secure memory location or from the Background Debug Mode. 10. Writing to a Flash address after writing to the FCMD register. 11. Writing to any Flash register other than FSTAT (to clear CBEIF) after writing to the FCMD register. 12. Writing a 0 to the CBEIF flag in the FSTAT register to abort a command write sequence. The ACCERR flag will not be set if any Flash register is read during a valid command write sequence. The ACCERR flag will also be set if any of the following events occur: 1. Launching the sector erase abort command while a sector erase operation is active which results in the early termination of the sector erase operation (see Section 28.4.2.6, “Sector Erase Abort Command”). 2. The MCU enters stop mode and a program or erase operation is in progress. The operation is aborted immediately and any pending command is purged (see Section 28.5.2, “Stop Mode”). If the Flash memory is read during execution of an algorithm (CCIF = 0), the read operation will return invalid data and the ACCERR flag will not be set. If the ACCERR flag is set in the FSTAT register, the user must clear the ACCERR flag before starting another command write sequence (see Section 28.3.2.6, “Flash Status Register (FSTAT)”). The PVIOL flag will be set after the command is written to the FCMD register during a command write sequence if any of the following illegal operations are attempted, causing the command write sequence to immediately abort: 1. Writing the program command if an address written in the command write sequence was in a protected area of the Flash memory 2. Writing the sector erase command if an address written in the command write sequence was in a protected area of the Flash memory 3. Writing the mass erase command to a Flash block while any Flash protection is enabled in the block |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |