Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 121 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 117Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 118Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 119Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 120Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 121Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 122Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 123Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 124Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 1350 page
background image
Chapter 3 Pierce Oscillator (S12XOSCLCPV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
121
EXTAL input frequency. In full stop mode (PSTP = 0), the EXTAL pin is pulled down by an internal
resistor of typical 200 k
Ω.
NOTE
Freescale recommends an evaluation of the application board and chosen
resonator or crystal by the resonator or crystal supplier.
Loop controlled circuit is not suited for overtone resonators and crystals.
Figure 3-2. Loop Controlled Pierce Oscillator Connections (XCLKS = 1)
NOTE
Full swing Pierce circuit is not suited for overtone resonators and crystals
without a careful component selection.
Figure 3-3. Full Swing Pierce Oscillator Connections (XCLKS = 0)
Figure 3-4. External Clock Connections (XCLKS = 0)
MCU
EXTAL
XTAL
VSSPLL
Crystal or
Ceramic Resonator
C2
C1
* Rs can be zero (shorted) when use with higher frequency crystals.
Refer to manufacturer’s data.
MCU
EXTAL
XTAL
RS*
RB
VSSPLL
Crystal or
Ceramic Resonator
C2
C1
MCU
EXTAL
XTAL
Not Connected
CMOS Compatible
External Oscillator
(VDDPLL Level)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com