Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 125 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 125 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 121Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 122Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 123Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 124Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 125Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 126Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 127Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 128Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 129Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 1350 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
125
Chapter 4
Analog-to-Digital Converter (ATD10B16CV4)
Block Description
4.1
Introduction
The ATD10B16C is a 16-channel, 10-bit, multiplexed input successive approximation analog-to-digital
converter. Refer to the Electrical Specifications chapter for ATD accuracy.
4.1.1
Features
•
8-/10-bit resolution
•7
µs, 10-bit single conversion time
•
Sample buffer amplifier
•
Programmable sample time
•
Left/right justified, signed/unsigned result data
•
External trigger control
•
Conversion completion interrupt generation
•
Analog input multiplexer for 16 analog input channels
•
Analog/digital input pin multiplexing
•
1 to 16 conversion sequence lengths
•
Continuous conversion mode
•
Multiple channel scans
•
Configurable external trigger functionality on any AD channel or any of four additional trigger
inputs. The four additional trigger inputs can be chip external or internal. Refer to device
specification for availability and connectivity
•
Configurable location for channel wrap around (when converting multiple channels in a sequence)
4.1.2
Modes of Operation
There is software programmable selection between performing single or continuous conversion on a
single channel or multiple channels.
4.1.3
Block Diagram
Refer to Figure 4-1 for a block diagram of the ATD0B16C block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com