Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 1231 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 1231 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 1227Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1228Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1229Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1230Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1231Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1232Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1233Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1234Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1235Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1231 / 1350 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1231
Chapter 30
Security (S12X9SECV2)
30.1
Introduction
This specification describes the function of the security mechanism in the S12X chip family
(S12X9SECV2).
30.1.1
Features
The user must be reminded that part of the security must lie with the application code. An extreme example
would be application code that dumps the contents of the internal memory. This would defeat the purpose
of security. At the same time, the user may also wish to put a backdoor in the application program. An
example of this is the user downloads a security key through the SCI, which allows access to a
programming routine that updates parameters stored in another section of the Flash memory.
The security features of the S12X chip family (in secure mode) are:
•
Protect the contents of non-volatile memories (Flash, EEPROM)
•
Execution of NVM commands is restricted
•
Disable access to internal memory via background debug module (BDM)
•
Disable access to internal Flash/EEPROM in expanded modes
•
Disable debugging features for CPU and XGATE
Table 30-1 gives an overview over availability of security relevant features in unsecure and secure modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com