Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 1234 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 1234 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 1230Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1231Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1232Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1233Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1234Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1235Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1236Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1237Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1238Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1234 / 1350 page
background image
Chapter 30 Security (S12X9SECV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
1234
Freescale Semiconductor
30.1.4.1
Normal Single Chip Mode (NS)
•
Background debug module (BDM) operation is completely disabled.
•
Execution of Flash and EEPROM commands is restricted. Please refer to the NVM block guide
(FTX) for details.
•
Tracing code execution using the DBG module is disabled.
•
Debugging XGATE code (breakpoints, single-stepping) is disabled.
30.1.4.2
Special Single Chip Mode (SS)
•
BDM firmware commands are disabled.
•
BDM hardware commands are restricted to the register space.
•
Execution of Flash and EEPROM commands is restricted. Please refer to the NVM block guide
(FTX) for details.
•
Tracing code execution using the DBG module is disabled.
•
Debugging XGATE code (breakpoints, single-stepping) is disabled.
Special single chip mode means BDM is active after reset. The availability of BDM firmware commands
depends on the security state of the device. The BDM secure firmware first performs a blank check of both
the Flash memory and the EEPROM. If the blank check succeeds, security will be temporarily turned off
and the state of the security bits in the appropriate Flash memory location can be changed If the blank
check fails, security will remain active, only the BDM hardware commands will be enabled, and the
accessible memory space is restricted to the peripheral register area. This will allow the BDM to be used
to erase the EEPROM and Flash memory without giving access to their contents. After erasing both Flash
memory and EEPROM, another reset into special single chip mode will cause the blank check to succeed
and the options/security byte can be programmed to “unsecured” state via BDM.
While the BDM is executing the blank check, the BDM interface is completely blocked, which means that
all BDM commands are temporarily blocked.
30.1.4.3
Expanded Modes (NX, ES, EX, and ST)
•
BDM operation is completely disabled.
•
Internal Flash memory and EEPROM are disabled.
•
Execution of Flash and EEPROM commands is restricted. Please refer to the NVM block guide
(FTX) for details.
•
Tracing code execution using the DBG module is disabled.
•
Debugging XGATE code (breakpoints, single-stepping) is disabled.
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com