Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 127 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 127 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 123Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 124Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 125Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 126Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 127Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 128Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 129Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 130Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 131Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 1350 page
background image
Chapter 4 Analog-to-Digital Converter (ATD10B16CV4) Block Description
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
127
4.2
External Signal Description
This section lists all inputs to the ATD10B16C block.
4.2.1
ANx (x = 15, 14, 13, 12, 11, 10, 9, 8, 7, 6, 5, 4, 3, 2, 1, 0) — Analog Input
Channel x Pins
This pin serves as the analog input channel x. It can also be configured as general-purpose digital input
and/or external trigger for the ATD conversion.
4.2.2
ETRIG3, ETRIG2, ETRIG1, ETRIG0 — External Trigger Pins
These inputs can be configured to serve as an external trigger for the ATD conversion.
Refer to the Device Overview chapter for availability and connectivity of these inputs.
4.2.3
VRH,VRL — High Reference Voltage Pin, Low Reference Voltage Pin
VRH is the high reference voltage, VRL is the low reference voltage for ATD conversion.
4.2.4
VDDA, VSSA — Analog Circuitry Power Supply Pins
These pins are the power supplies for the analog circuitry of the ATD10B16CV4 block.
4.3
Memory Map and Register Definition
This section provides a detailed description of all registers accessible in the ATD10B16C.
4.3.1
Module Memory Map
Table 4-1 gives an overview of all ATD10B16C registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com