Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 159 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 159 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 155Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 156Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 157Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 158Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 159Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 160Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 161Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 162Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 163Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 1350 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
159
Chapter 5 Analog-to-Digital Converter (S12ATD10B8CV3)
5.1
Introduction
The ATD10B8C is an 8-channel, 10-bit, multiplexed input successive approximation analog-to-digital
converter. Refer to device electrical specifications for ATD accuracy.
5.1.1
Features
•
8/10-bit resolution
•7
µsec, 10-bit single conversion time
•
Sample buffer amplifier
•
Programmable sample time
•
Left/right justified, signed/unsigned result data
•
External trigger control
•
Conversion completion interrupt generation
•
Analog input multiplexer for 8 analog input channels
•
Analog/digital input pin multiplexing
•
1-to-8 conversion sequence lengths
•
Continuous conversion mode
•
Multiple channel scans
•
Configurable external trigger functionality on any AD channel or any of four additional external
trigger inputs. The four additional trigger inputs can be chip external or internal. Refer to the device
overview chapter for availability and connectivity.
•
Configurable location for channel wrap around (when converting multiple channels in a sequence).
5.1.2
Modes of Operation
5.1.2.1
Conversion Modes
There is software programmable selection between performing single or continuous conversion on a single
channel or multiple channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com