Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 163 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 163 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 159Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 160Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 161Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 162Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 163Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 164Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 165Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 166Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 167Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 1350 page
background image
Chapter 5 Analog-to-Digital Converter (S12ATD10B8CV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
163
Unimplemente
d
R
W
ATDSTAT1
R
CCF7
CCF6
CCF5
CCF4
CCF3
CCF2
CCF1
CCF0
W
Unimplemente
d
R
W
ATDDIEN
R
IEN7
IEN6
IEN5
IEN4
IEN3
IEN2
IEN1
IEN0
W
Unimplemente
d
R
W
PORTAD
R
PTAD7
PTAD6
PTAD5
PTAD4
PTAD3
PTAD2
PTAD1
PTAD0
W
Left Justified Result Data
Note: The read portion of the left justified result data registers has been divided to show the bit position when reading 10-bit and
8-bit conversion data. For more detailed information refer to Section 5.3.2.13, “ATD Conversion Result Registers
(ATDDRx)”.
ATDDR0H
10-BIT BIT 9 MSB
BIT 7 MSB
BIT 8
BIT 6
BIT 7
BIT 5
BIT 6
BIT 4
BIT 5
BIT 3
BIT 4
BIT 2
BIT 3
BIT 1
BIT 2
BIT 0
8-BIT
W
ATDDR0L
10-BIT
BIT 1
U
BIT 0
U
0
0
0
0
0
0
0
0
0
0
0
0
8-BIT
W
ATDDR1H
10-BIT BIT 9 MSB
BIT 7 MSB
BIT 8
BIT 6
BIT 7
BIT 5
BIT 6
BIT 4
BIT 5
BIT 3
BIT 4
BIT 2
BIT 3
BIT 1
BIT 2
BIT 0
8-BIT
W
ATDDR1L
10-BIT
BIT 1
U
BIT 0
U
0
0
0
0
0
0
0
0
0
0
0
0
8-BIT
W
ATDDR2H
10-BIT BIT 9 MSB
BIT 7 MSB
BIT 8
BIT 6
BIT 7
BIT 5
BIT 6
BIT 4
BIT 5
BIT 3
BIT 4
BIT 2
BIT 3
BIT 1
BIT 2
BIT 0
8-BIT
W
ATDDR2L
10-BIT
BIT 1
U
BIT 0
U
0
0
0
0
0
0
0
0
0
0
0
0
8-BIT
W
ATDDR3H
10-BIT BIT 9 MSB
BIT 7 MSB
BIT 8
BIT 6
BIT 7
BIT 5
BIT 6
BIT 4
BIT 5
BIT 3
BIT 4
BIT 2
BIT 3
BIT 1
BIT 2
BIT 0
8-BIT
W
Register
Name
Bit 7
654321
Bit 0
= Unimplemented or Reserved
Figure 5-2. ATD Register Summary (Sheet 2 of 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com