Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WL33KB Datasheet(PDF) 48 Page - STMicroelectronics

No. de pieza STM32WL33KB
Descripción Electrónicos  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33KB Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM32WL33KB Datasheet HTML 44Page - STMicroelectronics STM32WL33KB Datasheet HTML 45Page - STMicroelectronics STM32WL33KB Datasheet HTML 46Page - STMicroelectronics STM32WL33KB Datasheet HTML 47Page - STMicroelectronics STM32WL33KB Datasheet HTML 48Page - STMicroelectronics STM32WL33KB Datasheet HTML 49Page - STMicroelectronics STM32WL33KB Datasheet HTML 50Page - STMicroelectronics STM32WL33KB Datasheet HTML 51Page - STMicroelectronics STM32WL33KB Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 91 page
background image
Parameter
Test condition
HPM
LPM
Unit
AFC OFF, GMC = 0x0A
(adjacent channel)
dBm
Selectivity and blocking
0.1% BER @ 2-GFSK BT=0.5
FDEV = 6.4 kHz, DR = 6.4 kbit/s, CHF =
20 kHz
Wanted signal = 10LOG10(CHFkHz)-117+
3 dB = -101 dBm
Not modulated interferer signal
AFC OFF, GMC = 0x0A
-2 MHz
-26.0
-26.6
dBm
+2 MHz
-20.8
-20.5
-10 MHz
-15.9
-16.0
+10 MHz
-14.2
-14.5
-15 MHz
-14.6
-15.0
+15 MHz
-13.4
-13.8
Table 29. Saturation and image rejection at 169 MHz (SMPS clock frequency= 4 MHz)
Parameter
Test condition
HPM
LPM
Unit
ETSI Saturation at adjacent
channel
0.1% BER @ 2-GFSK BT=0.5
DR = 2.4 kbit/s, FDEV =
2.4 kHz, CHF = 8 kHz
Wanted signal =
10LOG10(CHFkHz)-117+ 43
AFC ON, GMC 0x0A
Wanted signal = - 65 dBm
Offset = ±12.5 kHz
(adjacent channel)
-4.4
-4.1
dBm
ETSI Saturation at adjacent
channel
0.1% BER @ 2-GFSK BT=0.5
DR = 6.4 kbit/s, FDEV =
6.4 kHz, CHF = 20 kHz
Wanted signal =
10LOG10(CHFkHz)-117+ 43
AFC ON, GMC = 0x0A
Wanted signal = - 61 dBm
Offset = ±12.5 kHz
(adjacent channel)
-5.2
-5.4
Image rejection
Interferer CW at image
frequency
0.1% BER @ 2-GFSK BT=0.5
DR = 2.4 kbit/s, FDEV = 2.4kHz,
CHF = 8 kHz
Wanted signal =
10LOG10(CHFkHz)-117+ 3 dB
Wanted signal = -105 dBm
CW at -600 kHz of offset
-44.6
-44.6
Image rejection
Interferer CW at image
frequency
0.1% BER @ 2-GFSK BT=0.5
DR = 6.4 kbit/s, FDEV =
6.4 kHz, CHF = 20 kHz
Wanted signal =
10LOG10(CHFkHz)-117+ 3 dB
Wanted signal = -101 dBm
CW at -600 kHz of offset
-41.1
-40.9
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 48/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com