Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WL33KB Datasheet(PDF) 18 Page - STMicroelectronics

No. de pieza STM32WL33KB
Descripción Electrónicos  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33KB Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32WL33KB Datasheet HTML 14Page - STMicroelectronics STM32WL33KB Datasheet HTML 15Page - STMicroelectronics STM32WL33KB Datasheet HTML 16Page - STMicroelectronics STM32WL33KB Datasheet HTML 17Page - STMicroelectronics STM32WL33KB Datasheet HTML 18Page - STMicroelectronics STM32WL33KB Datasheet HTML 19Page - STMicroelectronics STM32WL33KB Datasheet HTML 20Page - STMicroelectronics STM32WL33KB Datasheet HTML 21Page - STMicroelectronics STM32WL33KB Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 91 page
background image
3.8
Clock management
Three different clock sources may be used to drive the system clock (CLK_SYS) of the STM32WL33xx (see
Figure 8. Fast clock tree generation):
•
HSI: high speed internal 64 MHz RC oscillator
•
PLL64M: 64 MHz PLL clock based on HSE 48 MHz
•
HSE (High Speed External):
–
high speed 48 MHz external crystal
or
–
provided by a single ended 48 MHz input instead of a crystal
The STM32WL33xx has also a slow frequency clock tree used by some peripherals (RTC, watchdog, LPUART,
LCDC, LPAWUR and MR_SUBG radio timer). Three different clock sources can be used for this slow clock tree:
•
LSI: low speed low drift internal RC with a fixed frequency between 24 kHz and 49 kHz depending on the
sample. It is called the 32 kHz clock within this document for simplicity.
•
LSE:
–
32.768 kHz low speed external crystal.
or
–
provided by a single-ended 32.768 kHz input instead of a crystal
•
The CLOCK_ROOT_DIV/512 (see Figure 8): In this case, the slow clock is not available in Deepstop mode
and it must not be used for peripherals working in Deepstop mode.
Figure 8 provides an overview of the fast clock tree in the STM32WL33xx.
STM32WL33xx
Functional overview
DS14221 - Rev 5
page 18/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com