Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WL33KB Datasheet(PDF) 39 Page - STMicroelectronics

No. de pieza STM32WL33KB
Descripción Electrónicos  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33KB Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32WL33KB Datasheet HTML 35Page - STMicroelectronics STM32WL33KB Datasheet HTML 36Page - STMicroelectronics STM32WL33KB Datasheet HTML 37Page - STMicroelectronics STM32WL33KB Datasheet HTML 38Page - STMicroelectronics STM32WL33KB Datasheet HTML 39Page - STMicroelectronics STM32WL33KB Datasheet HTML 40Page - STMicroelectronics STM32WL33KB Datasheet HTML 41Page - STMicroelectronics STM32WL33KB Datasheet HTML 42Page - STMicroelectronics STM32WL33KB Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
6.2
Absolute maximum ratings
Absolute maximum ratings are those values above which damage to the device may occur. Functional operation
under these conditions is not implied. All voltages refer to GND.
Table 7. Absolute maximum ratings
Pin name
Comment
Min.
Max.
Unit
VDD_1, VDD_2, VDDRF,
VDDSD
DC-DC converter supply voltage input and output
-0.3
+3.9
V
VCAP
DC voltage on linear voltage regulator
0.3
+1.4
OSCOUT, OSCIN
DC Voltage on HSE
0.3
+1.32
PAx and PBx
DC voltage on digital input/output pins
0.3
+3.9
VLXSD, VFBSD
DC voltage on analog pins
0.3
+3.9
XTAL0/PB12, XTAL1/PB13
DC voltage on XTAL pins
0.3
+3.9
RX
DC voltage on RF pin
0.3
+1.4
TX
DC voltage on RF pin
0.3
+3.9
TX_HP
DC voltage on RF pin
0.3
+3.9
RX LPAWUR
DC voltage on RF pin
0.3
+3.9
|ΔVDD|
Variations between different supplies: VDD_x and
VDDRF, VDD_x and VDDSD(1)
-
50
mV
1. VDD_1 and VDD_2 to be shorted on PCB.
Table 8. Current characteristics
Symbol
Ratings
Max.
Unit
ΣIVDD
Total current into sum of all VDD power lines (source)
130
mA
ΣIVGND
Total current out of sum of all ground lines (sink)
130
IVDD(PIN)
Maximum current into each VDD power pin (source)
100
IVGND(PIN)
Maximum current out of each ground pin (sink)
100
IIO(PIN)
Output current sunk by any I/O and control pin
20
Output current sourced by any I/O and control pin
20
ΣIIO(PIN)
Total output current sunk by sum of all I/Os and control pins
100
Total output current sourced by sum of all I/Os and control pins
100
Σ|IINJ(PIN)|
Total injected current (sum of all I/Os and control pins)
-50
Table 9. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-40 to +125
°C
TJ
Maximum junction temperature
125
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 39/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com