Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WL33KB Datasheet(PDF) 60 Page - STMicroelectronics

No. de pieza STM32WL33KB
Descripción Electrónicos  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33KB Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32WL33KB Datasheet HTML 56Page - STMicroelectronics STM32WL33KB Datasheet HTML 57Page - STMicroelectronics STM32WL33KB Datasheet HTML 58Page - STMicroelectronics STM32WL33KB Datasheet HTML 59Page - STMicroelectronics STM32WL33KB Datasheet HTML 60Page - STMicroelectronics STM32WL33KB Datasheet HTML 61Page - STMicroelectronics STM32WL33KB Datasheet HTML 62Page - STMicroelectronics STM32WL33KB Datasheet HTML 63Page - STMicroelectronics STM32WL33KB Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 91 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
2400 - 2483.5 MHz
FRANGE
Operating band
-
2400
-
2483.5
MHz
PSENS
Sensitivity
BER < 10-3
-
-49
-
dBm
C/ICOCHANNEL
Co-channel interferer
Wanted signal =
PSENS+3 dB, BER<10-3
2 kbit/s OOK interferer
modulated signal
-
10
-
dBc
C/IINBAND
CW inband interferer
Wanted signal =
PSENS+3dB, BER<10-3
CW interferer at Foffset
> +/-30kHz
-
-29
-
dBc
413-479 MHz
FRANGE
Operating band
-
413
433
479
MHz
PSENS
Sensitivity
BER < 10-3
-
-54
-
dBm
C/ICOCHANNEL
Co-channel interferer
Wanted signal =
PSENS+3 dB, BER<10-3
2 kbit/s OOK interferer
modulated signal
-
+5
-
dBc
C/IINBAND
CW inband interferer
Wanted signal =
PSENS+3dB, BER<10-3
CW interferer at Foffset
> +/-30 kHz
-
-27
-
dBc
1. If not otherwise indicated, power values are given for Manchester OOK modulation: this means that the peak power is 3 dB
higher than the indicated average power.
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 60/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com