Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WL33KB Datasheet(PDF) 32 Page - STMicroelectronics

No. de pieza STM32WL33KB
Descripción Electrónicos  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33KB Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM32WL33KB Datasheet HTML 28Page - STMicroelectronics STM32WL33KB Datasheet HTML 29Page - STMicroelectronics STM32WL33KB Datasheet HTML 30Page - STMicroelectronics STM32WL33KB Datasheet HTML 31Page - STMicroelectronics STM32WL33KB Datasheet HTML 32Page - STMicroelectronics STM32WL33KB Datasheet HTML 33Page - STMicroelectronics STM32WL33KB Datasheet HTML 34Page - STMicroelectronics STM32WL33KB Datasheet HTML 35Page - STMicroelectronics STM32WL33KB Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
Table 3. Pin description
Pin number
Pin Name (function
after reset)
Pin type
Alternate functions
Additional functions
VFQFPN
32
VFQFPN
48
1
1
PA2
I/O
SWDIO, USART1_CK,
TIM16_CH1, I2S3_MCK,
TIM2_CH1, LCD_SEG1
ADC_VINM2
2
2
PA3
I/O
SWCLK, USART1_RTS_DE,
TIM16_CH1N, SPI3_SCK/
I2S3_CK, TIM2_CH2,
LCD_SEG2
ADC_VINP2
3
3
VDD_1
S
-
1.7 to 3.6 V battery voltage input
-
4
PB3
I/O
USART1_CTS, LPUART1_TX,
SPI1_MOSI, TIM2_CH4,
LCD_SEG8
ADC_VINP0, COMP1_INN2
-
5
PB4
I/O
LPUART1_TX, SPI3_MISO,
LCD_SEG13/LCD_COM5
ADC_VINM3, VCMBUFF
-
6
PB5
I/O
LPUART1_RX, SPI3_NSS/
I2S3_WS, LCD_SEG14/
LCD_COM6
ADC_VINP3
4
7
PA0
I/O
I2C1_SCL, USART_CTS,
TIM2_CH3, LCD_SEG12/
LCD_COM4
-
-
8
PA4
I/O
LCO, LPUART1_TX,
COMP1_OUT, TIM2_CH1
-
5
9
PA11
I/O
MCO, RX_SEQUENCE,
SPI3_MOSI/I2S3_SD,
SUBG_TX_CLOCK, LCD_SEG5
-
6
10
PA10
I/O
LPUART1_CTS,
TX_SEQUENCE, I2S3_MCK,
SUBG_TX_DATA, LCD_SEG4
LCO
7
11
PA9
I/O
USART1_TX, RTC_OUT,
SPI3_NSS/I2S3_WS,
TIM2_CH4, LCD_SEG3
-
8
12
PA8
I/O
RTC_OUT/RTC_TAMP1/
RTC_TS, USART1_RX,
RX_SEQUENCE, SPI3_MISO,
TIM2_CH3, LCD_COM0
-
9
13
PB6
I/O
I2C1_SCL, LPUART1_TX,
COMP1_OUT, SPI3_SCK/
I2S3_CK, TIM2_CH3,
LCD_SEG15/LCD_COM7
-
-
14
PA5
I/O
MCO, LPUART1_RX,
TIM2_CH2, LCD_SEG9
-
-
15
PA6
I/O
I2C2_SCL, USART1_CTS,
TIM2_CH1
-
-
16
PA7
I/O
I2C2_SDA, LPUART1_RTS_DE,
TIM2_CH2
-
10
17
PB12
I/O
USART1_RTS_DE,
LPUART1_CTS, LCO,
TIM2_CH3
SXTALO
11
18
PB13
I/O
I2C2_SMBA, TIM2_CH4
SXTALI
12
19
PB14
I/O
I2C1_SMBA, USART1_RX,
TX_SEQUENCE, MCO,
TIM2_ETR, LCD_COM3
PVD_VIN
STM32WL33xx
Pinouts and pin description
DS14221 - Rev 5
page 32/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com