Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WL33KB Datasheet(PDF) 14 Page - STMicroelectronics

No. de pieza STM32WL33KB
Descripción Electrónicos  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33KB Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32WL33KB Datasheet HTML 10Page - STMicroelectronics STM32WL33KB Datasheet HTML 11Page - STMicroelectronics STM32WL33KB Datasheet HTML 12Page - STMicroelectronics STM32WL33KB Datasheet HTML 13Page - STMicroelectronics STM32WL33KB Datasheet HTML 14Page - STMicroelectronics STM32WL33KB Datasheet HTML 15Page - STMicroelectronics STM32WL33KB Datasheet HTML 16Page - STMicroelectronics STM32WL33KB Datasheet HTML 17Page - STMicroelectronics STM32WL33KB Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 91 page
background image
3.5.3
Linear voltage regulators
The digital power supplies are provided by different regulators:
•
main LDO (MLDO):
–
provides 1.2 V from a 1.4 to 3.6 V input voltage
–
supplies both VDD12i and VDD12o when the device is active
–
is disabled during the low power mode (Deepstop)
•
Low power LDO (LPREG):
–
stays enabled during both active and low power phases
–
provides 1.0 V or 1.2 V voltage selectable by software
–
not connected to the digital domain when the device is active
–
connected to the VDD12o domain during low power mode (Deepstop)
•
Dedicated LDO (RFLDO) to provide a 1.2 V to the analog RF block
The embedded SMPS step-down converter is inserted between the external power and the LDOs.
Figure 7. Power supply domains overview
SMPS
LP Reg
Main Reg
RF LDOs
VDDIO
LSI, LSE,
BOR, PVD,
PWR33, RCC33
Always ON
VDD12
MR_SUBGHz_wakeup
LPAWUR, LPUART,
COMP, RTC, IWDG,
LCD, DAC, LCSC,
PWRCo, RCCo
Interruptible
domain
VDD12I
HSI, HSE,
MR_SUBGHz,
LPAWUR,
Peripheral RCCi
Analog RF
VDD
VLX
VFB
3.5.4
Power voltage supervisor
The STM32WL33xx device embeds several power voltage monitoring:
•
Power On reset (POR) / Power Down reset (PDR) / Brown-Out reset (BOR)
•
BORH monitoring
•
Power voltage detector (PVD)
3.6
Operating modes
The STM32WL33xx supports three main operating modes:
•
Run mode
•
Deepstop mode
•
Shutdown mode
The transition from one mode to another one is managed through a PMU state machine.
3.6.1
Run mode
In Run mode, the STM32WL33xx is fully operational.
In Run mode:
•
both regulators (MLDO and LPREG) are enabled
•
the MLDO provides the power supply for both VDD12i and VDD12o
STM32WL33xx
Functional overview
DS14221 - Rev 5
page 14/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com