Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WL33KB Datasheet(PDF) 69 Page - STMicroelectronics

No. de pieza STM32WL33KB
Descripción Electrónicos  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33KB Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32WL33KB Datasheet HTML 65Page - STMicroelectronics STM32WL33KB Datasheet HTML 66Page - STMicroelectronics STM32WL33KB Datasheet HTML 67Page - STMicroelectronics STM32WL33KB Datasheet HTML 68Page - STMicroelectronics STM32WL33KB Datasheet HTML 69Page - STMicroelectronics STM32WL33KB Datasheet HTML 70Page - STMicroelectronics STM32WL33KB Datasheet HTML 71Page - STMicroelectronics STM32WL33KB Datasheet HTML 72Page - STMicroelectronics STM32WL33KB Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 91 page
background image
6.3.18
Temperature sensor characteristics
Table 60. Temperature sensor characteristics(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
TrERR
Error in temperature
Temperature range =
-20 to 85 °C
-
+/-2
-
°C
TSLOPE
Average temperature coefficient
-
-
10
-
LSB/°C
TICC
Current consumption with
AUXADC
-
-
415
-
µA
TTS-OUT
Output code at 30 °C (+-5 °C)
-
-
2550
-
LSB
1. Evaluated by characterization - not tested in production.
6.3.19
Timer characteristics
Table 61. TIM2/16 characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
tres(TIM)
Timer resolution time
fTIMxCLK = 64 MHz
-
15.625
-
ns
ResTIM
Timer resolution
-
16
-
bit
tCOUNTER
16-bit counter clock
period
fTIMxCLK = 64 MHz
0.015625
-
1024
μs
tMAX_COUNT
Maximum possible
count time
fTIMxCLK = 64 MHz
-
-
67.10
s
Table 62. IWDG min/max timeout period at 32 kHz (LSE)
Prescaler
divider
PR[2:0] bits
Min timeout RL[11:0] = 0x000
Max timeout RL[11:0] = 0xFFF
Unit
/4
0
0.125
512
ms
/8
1
0.250
1024
/16
2
0.500
2048
/32
3
1.0
4096
/64
4
2.0
8192
/128
5
4.0
16384
/256
6 or 7
8.0
32768
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 69/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com