Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WL33KB Datasheet(PDF) 23 Page - STMicroelectronics

No. de pieza STM32WL33KB
Descripción Electrónicos  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33KB Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM32WL33KB Datasheet HTML 19Page - STMicroelectronics STM32WL33KB Datasheet HTML 20Page - STMicroelectronics STM32WL33KB Datasheet HTML 21Page - STMicroelectronics STM32WL33KB Datasheet HTML 22Page - STMicroelectronics STM32WL33KB Datasheet HTML 23Page - STMicroelectronics STM32WL33KB Datasheet HTML 24Page - STMicroelectronics STM32WL33KB Datasheet HTML 25Page - STMicroelectronics STM32WL33KB Datasheet HTML 26Page - STMicroelectronics STM32WL33KB Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 91 page
background image
3.16
General purpose timers
The STM32WL33xx embeds one general purpose timer (TIM2) supporting up to 4 independent channels, one
general purpose timer (TIM16) supporting one single channel and one complementary.
3.16.1
General Purpose timer (TIM2)
The general purpose 16-bit timer (TIM2) consists of a 16-bit auto-reload counter driven by a programmable
prescaler.
It may be used for a variety of purposes, including measuring the pulse lengths of input signals (input capture) or
generating output waveforms (output compare, PWM). Pulse lengths and waveform periods can be modulated
from a few microseconds to several milliseconds using the timer prescaler on the timer input clock which is at
32MHz.
The TIM2 main features are:
•
16-bit up, down, up/down auto-reload counter
•
16-bit programmable prescaler allowing division (also “on the fly”) the counter clock frequency either by any
factor between 1 and 65536
•
Up to 4 independent channels for:
–
input capture
–
output compare
–
PWM generation (edge and center-aligned mode)
–
one-pulse mode output
•
Synchronization circuit to control the timer with external signals and to interconnect several timers together
•
Repetition counter to update the timer registers only after a given number of cycles of the counter
•
Interrupt/DMA generation on the following events:
–
update: counter overflow/underflow, counter initialization (by software or internal/external trigger)
–
input capture
–
output comparison
–
trigger event (counter start, stop, initialization or count by internal/external trigger)
•
Supports incremental (quadrature) encoder for positioning purposes
•
Trigger input for external clock or cycle-by-cycle current management
•
The counter can be frozen in debug mode
3.16.2
General purpose timer (TIM16)
The TIM16 timer consists of a 16-bit auto-reload counter driven by a programmable prescaler. It may be used for
a variety of purposes, including measuring the pulse lengths of input signals (input capture) or generating output
waveforms (output compare, PWM, complementary PWM with dead-time insertion).
Pulse lengths and waveform periods can be modulated from a few microseconds to several milliseconds using
the timer prescaler and the RCC clock controller prescaler.
The main TIM16 features are:
•
16-bit auto-reload upcounter
•
16-bit programmable prescaler used to divide (also “on the fly”) the counter clock frequency by any factor
between 1 and 65535
•
One channel for:
–
input capture
–
output comparison
–
PWM generation (edge-aligned mode)
–
one-pulse mode output
–
trigger event (counter start, stop, initialization or count by internal/external trigger)
•
Complementary output with programmable dead-time
•
Synchronization circuit to control the timer with external signals and to interconnect several timers together
•
Repetition counter to update the timer registers only after a given number of cycles of the counter
•
Break input to put the timer’s output signals in the reset state or a known state
STM32WL33xx
Functional overview
DS14221 - Rev 5
page 23/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com