| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WBA63CII7TR Datasheet(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WBA63CII7TR Datasheet(HTML) 44 Page - STMicroelectronics |
|
44 / 185 page ![]() Functional overview STM32WBA6xxx 44/185 DS14736 Rev 1 The SYSCFG TrustZone security secures the following configuration: • FPU interrupt configuration • Robustness features • I/O compensation and memory erase status Some of the SYSCFG configuration bits security is defined by the security of other peripherals: • The FMP high-drive mode of some I/Os configuration is secure when the corresponding GPIO is secure. • The booster for I/Os analog switches configuration is secure when the ADC4 is secure. 3.16 Peripheral interconnect matrix Several peripherals have direct connections between them, enabling autonomous communication between them, and saving CPU resources (and power consumption). In addition, these hardware connections allow fast and predictable latency. Depending on the peripherals, these interconnections can operate in Run, Sleep and Stop modes. 3.17 General purpose direct memory access controller (GPDMA) The general purpose direct memory access (GPDMA) controller is a bus master and system peripheral. The GPDMA is used to perform programmable data transfers between memory-mapped peripherals and/or memories via linked-lists, upon the control of an off-loaded CPU. The GPDMA main features are: • Dual bidirectional AHB master • Memory-mapped data transfers from a source to a destination: – Peripheral-to-memory – Memory-to-peripheral – Memory-to-memory – Peripheral-to-peripheral • Autonomous data transfers during Run, Sleep and Stop 0 modes • Transfers arbitration based on a four-grade programmed priority at a channel level: – One high-priority traffic class, for time-sensitive channels (queue 3) – Three low-priority traffic classes, with a weighted round-robin allocation for nontime-sensitive channels (queues 0, 1, 2) • Per channel event generation, on any of the following events: transfer complete or half transfer complete or data transfer error or user setting error, and/or update linked-list item error or completed suspension • Per channel interrupt generation, with separately programmed interrupt enable per event • Eight concurrent DMA channels: – Per channel FIFO for queuing source and destination transfers |