| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WBA63CII7TR Datasheet(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WBA63CII7TR Datasheet(HTML) 48 Page - STMicroelectronics |
|
48 / 185 page ![]() Functional overview STM32WBA6xxx 48/185 DS14736 Rev 1 ADC4 has up to 19 multiplexed channels, allowing it to measure signals from up to 10 external and 3 internal sources (the other channels are reserved). The conversion of the various channels can be performed in Single, Continuous, Scan or Discontinuous mode. The result of is stored in a left-aligned or right-aligned 16-bit data register. The analog watchdog feature allows the application to detect if the input voltage goes outside the user-defined higher or lower thresholds. An efficient low-power mode is implemented to allow very low consumption at low frequency. The ADC4 is autonomous in low-power modes down to Stop modes. A built-in hardware oversampler allows analog performances to be improved while off-loading the related computational burden from the CPU. The ADC4 main features are: • High performance – 12-, 10-, 8- or 6-bit configurable resolution – ADC conversion time: 0.4 µs for 12-bit resolution (2.5 MHz), faster conversion times obtained by lowering resolution – Self-calibration – Programmable sampling time – Data alignment with built-in data coherency – DMA support • Low-power – PCLK frequency reduced for low-power operation while still keeping optimum ADC performance – Wait mode: ADC overrun prevented in applications with low frequency PCLK – Auto-off mode: ADC automatically powered off except during the active conversion phase, dramatically reducing the ADC power consumption – Autonomous mode: in low-power modes (down to Stop 1), the ADC4 automatically switches on when a trigger occurs to start conversion, and it automatically switches off after conversion. Data are transfered to SRAM with DMA. – ADC4 interrupts wake up the device down to Stop 1 mode. Injected channel conversion - Oversampling Up to x256 Data register 16 bits DMA support X Autonomous mode X Offset compensation - Gain compensation - Number of analog watchdogs 3 Wake-up from Stop mode X 1. X = supported. Table 13. ADC features (continued) ADC modes/features(1) ADC4 |